Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5253-1GDPR5 Datasheet(PDF) 5 Page - Cherry Semiconductor Corporation

Part # CS5253-1GDPR5
Description  3A LDO 5-Pin Adjustable Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5253-1GDPR5 Datasheet(HTML) 5 Page - Cherry Semiconductor Corporation

  CS5253-1GDPR5 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5253-1GDPR5 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5253-1GDPR5 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5253-1GDPR5 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5253-1GDPR5 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5253-1GDPR5 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5253-1GDPR5 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5253-1GDPR5 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5253-1GDPR5 Datasheet HTML 9Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Typical Performance Characteristics
10.0
101
Frequency (Hz)
20.0
30.0
40.00
60.0
70.0
80.0
90.0
102
103
104
106
105
50.0
VIN-VOUT=2V
IOUT=4A
VRIPPLE=1VP-P
COUT=22mF
CADJ=0.1mF
Ripple Rejection vs Frequency
3.3
3.4
3.5
3.6
3.7
3.8
3.9
0
20
40
60
80
100
120
140
Junction Temperature (C)
VPOWER = 2.05V
VCONTROL = 2.75V
Short Circuit Output Current vs Junction Temperature
0
0.0
Output Current (A)
50
150
200
250
300
350
400
450
500
0.5
1.0
3.0
2.5
2.0
1.5
TJ = 120°C
TJ = 20°C
TJ = 0°C
VPOWER Dropout Voltage vs Output Current
0
2
4
6
8
10
12
0
20
40
60
80
100
120
140
Junction Temperature (C)
VCONTROL = 13V,
VOUT = 0V,
Vpower not connected
0.0
Output Current (A)
800
900
1000
1100
0.5
1.0
3.0
2.5
2.0
1.5
TJ = 120°C
TJ = 20°C
TJ = 0°C
VPOWER = 2.05V
VCONTROL Dropout Voltage vs Output Current
VCONTROL Only Output Current vs Junction Temperature
0.50
1.50
2.50
915.5
VPOWER-VOUT (V)
3.50
4.50
915.6
915.7
915.8
915.9
916.0
916.1
916.2
916.4
VCONTROL =5V
D VOUT=+1%
915.4
916.3
Minimum Load Current vs VPOWER-VOUT



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com