Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5253-1GDPR5 Datasheet(PDF) 4 Page - Cherry Semiconductor Corporation

Part # CS5253-1GDPR5
Description  3A LDO 5-Pin Adjustable Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5253-1GDPR5 Datasheet(HTML) 4 Page - Cherry Semiconductor Corporation

  CS5253-1GDPR5 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5253-1GDPR5 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5253-1GDPR5 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5253-1GDPR5 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5253-1GDPR5 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5253-1GDPR5 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5253-1GDPR5 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5253-1GDPR5 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5253-1GDPR5 Datasheet HTML 9Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Typical Performance Characteristics
0
20
40
60
80
100
120
Junction Temperature (C)
1.247
1.248
1.249
1.250
1.251
1.252
1.253
Reference Voltage vs Junction Temperature
VOUT
ILOAD,
10mA to 3A
VCONTROL = 5.0V
VPOWER = 3.3V
VOUT = 2.5V
CCONTROL = 10mF
CPOWER = 100mF
CADJ = 0.1mF
COUT = 300mF
Transient Response
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
01
2
3
4
5
6
VPOWER - VOUT (V)
Measured at
DVOUT = -1%
Output Current vs VPOWER-VOUT
Junction Temperature (C)
0
20
40
60
80
100
120
140
60
65
70
75
80
85
Adjust Pin Current vs Junction Temperature
1.0
3.0
4.0
5.0
6.0
7.0
800
VCONTROL-VOUT (V)
9.0
10.0
11.0
2.0
8.0
850
900
950
1000
1050
1100
1150
1200
VPOWER =3.3V
D VOUT=+1%
Minimum Load Current vs VCONTROL-VOUT
0.5
1.0
1.5
2.0
2.5
Output Current (A)
TJ = 120°C
TJ = 20°C
0
3.0
0.08
0.10
0.12
0
0.02
0.04
0.06
TJ = 0°C
Load Regulation vs Output Current



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com