Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5253-1GDPR5 Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # CS5253-1GDPR5
Description  3A LDO 5-Pin Adjustable Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5253-1GDPR5 Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  CS5253-1GDPR5 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5253-1GDPR5 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5253-1GDPR5 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5253-1GDPR5 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5253-1GDPR5 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5253-1GDPR5 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5253-1GDPR5 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5253-1GDPR5 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5253-1GDPR5 Datasheet HTML 9Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Features
Package Options
3A LDO 5-Pin Adjustable Linear Regulator
CS5253-1
Description
Applications Diagram
1
5 Lead D2PAK
1
1. VSENSE
2. Adjust
3. VOUT
4. VCONTROL
5. VPOWER
Tab = VOUT
Rev. 5/6/99
Cherry Semiconductor Corporation
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885-3600 Fax: (401)885-5786
Email: info@cherry-semi.com
Web Site: www.cherry-semi.com
A
Company
¨
V
SENSE
V
OUT
V
CONTROL
V
POWER
CS5253-1
2.5V @ 3A
300
mF
5V
Load
124
1%
124
1%
0.1
mF
5V
100
mF
5V
10
mF
10V
3.3V
5.0V
Adjust
This new very low dropout regula-
tor is designed to power the next
generation of advanced micropro-
cessors. To achieve very low
dropout, the internal pass transistor
is powered separately from the con-
trol circuitry. Furthermore, with the
control and power inputs tied
together, this device can be used in
single supply configuration and
still offer a better dropout voltage
than conventional PNP-NPN based
LDO regulators. In this mode the
dropout is determined by the mini-
mum control voltage.
It is supplied in a five-terminal
D2PAK package, which allows for
the implementation of a remote-
sense pin permitting very accurate
regulation of output voltage direct-
ly at the load, where it counts,
rather than at the regulator. This
remote sensing feature virtually
eliminates output voltage varia-
tions due to load changes and resis-
tive voltage drops. Typical load
regulation measured at the sense
pin is less than 1mV for an output
voltage of 2.5V with a load step of
10mA to 3A.
The very fast transient loop
response easily meets the needs of
the latest microprocessors. In addi-
tion, a small capacitor on the Adjust
pin will further improve the tran-
sient capabilities.
Internal protection circuitry pro-
vides for Òbust-proofÓ operation,
similar to three-terminal regulators.
This circuitry, which includes over-
current, short circuit, and over-tem-
perature protection will self protect
the regulator under all fault condi-
tions.
The CS5253-1 is ideal for generating
a secondary 2-2.5V low voltage
supply on a motherboard where
both 5V and 3.3V are already avail-
able.
s 1.25V to 5V VOUT at 3A
s VPOWER Dropout < 0.40V @ 3A
s VCONTROL Dropout < 1.05V @
3A
s 1% Trimmed Reference
s Fast Transient Response
s Remote Voltage Sensing
s Thermal Shutdown
s Current Limit
s Short Circuit Protection
s Drop-In Replacement for
Semtech EZ1582
s Backwards Compatible with
3-pin Regulators


Similar Part No. - CS5253-1GDPR5

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5253-1GDPR5 ONSEMI-CS5253-1GDPR5 Datasheet
268Kb / 10P
3.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006??Rev. 11
CS5253-1GDPR5G ONSEMI-CS5253-1GDPR5G Datasheet
268Kb / 10P
3.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006??Rev. 11
More results

Similar Description - CS5253-1GDPR5

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5203-1 CHERRY-CS5203-1 Datasheet
165Kb / 8P
3A Adjustable Linear Regulator
Rev. 9/17/97
CS5207A-1 CHERRY-CS5207A-1 Datasheet
136Kb / 7P
7A LDO 3-Pin Adjustable Linear Regulator
Rev. 6/11/97
CS5208-1 CHERRY-CS5208-1 Datasheet
136Kb / 7P
8A LDO 3-Pin Adjustable Linear Regulator
Rev. 6/11/97
CS5210-1 CHERRY-CS5210-1 Datasheet
142Kb / 8P
10A LDO 3-Pin Adjustable Linear Regulator
Rev. 6/12/97
CS52510-1 CHERRY-CS52510-1 Datasheet
154Kb / 9P
10A LDO 5-Pin Adjustable Linear Regulator
Rev. 3/17/99
CS5257A-1 CHERRY-CS5257A-1 Datasheet
173Kb / 9P
7A LDO 5-Pin Adjustable Linear Regulator
Rev. 4/5/99
CS5258-1 CHERRY-CS5258-1 Datasheet
153Kb / 9P
8A LDO 5-Pin Adjustable Linear Regulator
Rev. 3/17/99
logo
Avic Technology
AV1085 AVICTEK-AV1085 Datasheet
108Kb / 7P
3A Adjustable Low Dropout Linear Regulator (LDO)
logo
List of Unclassifed Man...
L1085 ETC-L1085 Datasheet
78Kb / 7P
3A Adjustable Low Dropout Linear Regulator (LDO)
logo
NIKO SEMICONDUCTOR CO.,...
L1085XG NIKOSEM-L1085XG Datasheet
137Kb / 8P
3A Adjustable Low Dropout Linear Regulator (LDO)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com