Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8151C Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # CS8151C
Description  5V, 100mA Low Dropout Linear Regulator with Watchdog, RESET, & Wake Up
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8151C Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  CS8151C Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8151C Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8151C Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8151C Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8151C Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8151C Datasheet HTML 6Page - Cherry Semiconductor Corporation CS8151C Datasheet HTML 7Page - Cherry Semiconductor Corporation CS8151C Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
5V, 100mA Low Dropout Linear Regulator
with Watchdog, RESET, & Wake Up
The CS8151C is a precision 5V, 100mA
micro-power voltage regulator with
very low quiescent current (400µA typ-
ical at 200µA load). The 5V output is
accurate within ±1% and supplies 100
mA of load current with a typical
dropout voltage of 400mV.
Microprocessor control logic includes
Watchdog, Wake Up and
. This
unique combination of low quiescent
current and full microprocessor con-
trol makes the CS8151C ideal for use in
battery operated, microprocessor con-
trolled equipment.
The CS8151C Wake Up function brings
the microprocessor out of Sleep mode.
The microprocessor in turn, signals its
Wake Up status back to the CS8151C
by issuing a Watchdog signal.
The Watchdog logic function monitors
an input signal (WDI) from the micro-
processor. The CS8151C responds to
the falling edge of the Watchdog signal
which it expects at least once during
each wake-up period. When the cor-
rect Watchdog signal is received, a
falling edge is issued on the wake-up
signal line.
is independent of VIN and
operates correctly to an output voltage
as low as 1V. A
signal is issued
in any of three situations. During
power up the
is held low until
the output voltage is in regulation.
During operation if the output voltage
shifts below the regulation limits, the
toggles low and remains low
until proper output voltage regulation
is restored. And finally, a
signal
is issued if the regulator does not
receive a Watchdog signal within the
Wake Up period.
The
pulse width, Wake Up sig-
nal frequency, and Wake Up delay
time are all set by one external capaci-
tor CDelay.
The regulator is protected against
short circuit, over voltage, and thermal
runaway conditions. The device can
withstand 74 volt load dump tran-
sients, making it suitable for use in
automotive environments.
RESET
RESET
RESET
RESET
RESET
RESET
RESET
1
Features
Error
Amplifier
Thermal
Shutdown
VIN
Bandgap
Reference
+
-
Current Limit
Sense
Current Source
(Circuit Bias)
RESET
Over
Voltage
Shutdown
Timing
Circuit
WATCHDOG
Circuit
Falling Edge
Detector
Sense
VOUT
Gnd
Delay
WDI
RESET
Circuit
VOUT
VOUT
WAKE UP
WAKE UP
Circuit
s
5V ±1% / 100 mA Output
Voltage
s
Micropower Compatible
Control Functions:
Wake Up
Watchdog
s
Low Dropout Voltage:
400mV @ 100mA
s
Low Sleep Mode Quiescent
Current (400µA typ)
s
Protection Features:
Thermal Shutdown
Short Circuit
74V Load Dump
Reverse Transient (-50V)
RESET
Package Options
8 Lead PDIP
1
VIN
WDI
WAKE UP
RESET
Delay
N/C
Gnd
VOUT
CS8151C
Description
Block Diagram
A
Company
¨
Rev. 3/17/99
Cherry Semiconductor Corporation
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885-3600 Fax: (401)885-5786
Email: info@cherry-semi.com
Web Site: www.cherry-semi.com


Similar Part No. - CS8151C

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8151 CHERRY-CS8151 Datasheet
196Kb / 8P
5V, 100mA Low Dropout Linear Regulator with WATCHDOG, RESET, & WAKE UP
Rev. 5/4/99
logo
ON Semiconductor
CS8151 ONSEMI-CS8151 Datasheet
174Kb / 14P
5.0 V, 100 mA Low Dropout Linear Regulator with Watchdog, RESET, and Wake Up
October, 2008 ??Rev. 18
CS8151/C ONSEMI-CS8151/C Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
CS8151D2G ONSEMI-CS8151D2G Datasheet
174Kb / 14P
5.0 V, 100 mA Low Dropout Linear Regulator with Watchdog, RESET, and Wake Up
October, 2008 ??Rev. 18
CS8151D2R2G ONSEMI-CS8151D2R2G Datasheet
174Kb / 14P
5.0 V, 100 mA Low Dropout Linear Regulator with Watchdog, RESET, and Wake Up
October, 2008 ??Rev. 18
More results

Similar Description - CS8151C

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5111 CHERRY-CS5111 Datasheet
188Kb / 10P
1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
Rev. 12/28/98
CS5112 CHERRY-CS5112 Datasheet
199Kb / 10P
1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
Rev. 4/22/99
CS8101 CHERRY-CS8101 Datasheet
196Kb / 8P
Micropower 5V, 100mA Low Dropout Linear Regulator with RESET and ENABLE
Rev. 4/9/99
CS8126 CHERRY-CS8126 Datasheet
207Kb / 9P
5V, 750mA Low Dropout Linear Regulator with Delayed RESET
Rev. 5/4/99
CS8140 CHERRY-CS8140 Datasheet
214Kb / 12P
5V, 500mA Linear Regulator with ENABLE, , and Watchdog RESET
Rev. 2/23/99
CS8151 CHERRY-CS8151 Datasheet
196Kb / 8P
5V, 100mA Low Dropout Linear Regulator with WATCHDOG, RESET, & WAKE UP
Rev. 5/4/99
CS8221 CHERRY-CS8221 Datasheet
149Kb / 6P
Micropower 5V, 100mA Low Dropout Linear Regulator
logo
ON Semiconductor
NCV8518A ONSEMI-NCV8518A Datasheet
139Kb / 13P
Low Dropout Linear Regulator with Watchdog, Wake Up, RESET, and ENABLE
March, 2008 - Rev. 1
CS8151 ONSEMI-CS8151 Datasheet
174Kb / 14P
5.0 V, 100 mA Low Dropout Linear Regulator with Watchdog, RESET, and Wake Up
October, 2008 ??Rev. 18
NCV8518B ONSEMI-NCV8518B Datasheet
172Kb / 13P
Low Dropout Linear Regulator with Watchdog, Wake Up, RESET, and ENABLE
June, 2010 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com