Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1934026-1 Datasheet(PDF) 7 Page - Tyco Electronics

Part # 1934026-1
Description  Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1934026-1 Datasheet(HTML) 7 Page - Tyco Electronics

Back Button 1934026-1 Datasheet HTML 3Page - Tyco Electronics 1934026-1 Datasheet HTML 4Page - Tyco Electronics 1934026-1 Datasheet HTML 5Page - Tyco Electronics 1934026-1 Datasheet HTML 6Page - Tyco Electronics 1934026-1 Datasheet HTML 7Page - Tyco Electronics 1934026-1 Datasheet HTML 8Page - Tyco Electronics 1934026-1 Datasheet HTML 9Page - Tyco Electronics 1934026-1 Datasheet HTML 10Page - Tyco Electronics 1934026-1 Datasheet HTML 11Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
7
Catalog 3-1773445-8
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are U.S. equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Product Defined in AdvancedTCA/AdvancedTCA 300 Specifications (Continued)
Solutions for AdvancedTCA, AdvancedTCA 300,
MicroTCA, and AdvancedMC Standards
AdvancedMC, AdvancedTCA,
AdvancedTCA 300, MicroTCA and
PICMG are trademarks of PICMG-PCI
Industrial Computer Manufacturers
Group Incorporated.
Z-PACK HM-Zd product from
Tyco Electronics is the high-speed,
Advanced Differential Fabric Connector
system specified by PICMG for use in
AdvancedTCA Zone 2. The coplanar appli-
cation version using the right angled male
and identical Zone 2 card connector (right
angled female), can be used in Zone 3. In
addition to the four-pair connector modules
specified for use in AdvancedTCA Zone 2,
the product line includes two-pair and three-
pair signal modules, coplanar connectors,
and high-speed cable assemblies for use in
Zone 3. A mezzanine style connector is also
available in a four-pair version.
www.tycoelectronics.com/products/atca
www.hmzd.tycoelectronics.com
Catalog 1773095
Flyer 1308658
AdvancedTCA — Zone 2 Z-PACK HM-Zd High Speed Signal Connectors
FEATURES
• Designed specifically for high-
speed
differential
applications
(3.125 Gb/s to 10+Gb/s)
• A modular connector system with
a standard module size of 25.00
[.984]
• Z-PACK HM-Zd product is an
extension of the Z-PACK 2 mm HM
product line
• Pin header and receptacle have
the exact same footprint to sim-
plify PC board layout
• Optimized footprint supports quad
routing techniques for improved
electrical performance, ease of
trace routing, and significant PCB
manufacturing cost reductions
• Designed to meet Telcordia
requirements
Front Board Connector
Backplane Connector
AdvancedTCA Zone 2
Z-PACK HM-Zd High Speed
Signal Connectors
Front Board Connector
4 Pair Right Angle Receptacle
Part Number 6469001-1
Backplane Connector
4 Pair Vertical Header
Part Number 6469002-1
Note: Part Numbers are RoHS compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com