Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1934026-1 Datasheet(PDF) 27 Page - Tyco Electronics

Part # 1934026-1
Description  Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1934026-1 Datasheet(HTML) 27 Page - Tyco Electronics

Back Button 1934026-1 Datasheet HTML 23Page - Tyco Electronics 1934026-1 Datasheet HTML 24Page - Tyco Electronics 1934026-1 Datasheet HTML 25Page - Tyco Electronics 1934026-1 Datasheet HTML 26Page - Tyco Electronics 1934026-1 Datasheet HTML 27Page - Tyco Electronics 1934026-1 Datasheet HTML 28Page - Tyco Electronics 1934026-1 Datasheet HTML 29Page - Tyco Electronics 1934026-1 Datasheet HTML 30Page - Tyco Electronics 1934026-1 Datasheet HTML 31Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
27
Catalog 3-1773445-8
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are U.S. equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Product Compliant to xTCA or AdvancedMC Specifications (Continued)
Solutions for AdvancedTCA, AdvancedTCA 300,
MicroTCA, and AdvancedMC Standards
AdvancedMC, AdvancedTCA,
AdvancedTCA 300, MicroTCA and
PICMG are trademarks of PICMG-PCI
Industrial Computer Manufacturers
Group Incorporated.
Tyco Electronics Power Systems introduces
the industry's first power input management
solution for AdvancedTCA boards. The
AdvancedTCA power input module (PIM)
is designed in collaboration with industry
leading AdvancedTCA board manufacturers
and provides innovative features and
compact design. PIM modules incorporate
all the features required by AdvancedTCA
specifications (PICMG 3.0) and enable
designers to save valuable board real estate
and reduce overall board cost and time to
market compared to discrete solutions.
A Complete Power Architecture
PIM series along with Tyco Electronics’
isolated DC/DC and bus converters and
point of load modules, provide a complete
and low-cost power architectural solution
while complying with AdvancedTCA board
power requirements.
www.tycoelectronics.com/products/atca
www.power.tycoelectronics.com
Flyer PIM05-001
AdvancedTCA — Power Distribution & Management Modules
FEATURES
• 200/300 W of power (per PICMG
3.0)
• Inrush control protection
• Integrated EMI filter designed to
meet CISPR Class B Limits
• Directive 2002/95/EC RoHS com-
pliant
• 8 W of Isolated auxiliary power
supply for IPMI (3.3 V or 5 V)
• O-Ring FETs for -48 V A&B feeds
• A/B feed loss alarm
• Hot-swap control
• 72 V charging voltage for holdup/
bulk capacitors
• Through-hole and surface mount
(SMT) versions
• Input under-voltage and over-volt-
age protections
• Over current and thermal protec-
tions
• UL /CSA/CE / VDE approved
PIM200/PIM300
PIM
Discrete
PICMG 3.0 compliant
Yes
Board level
Fully tested & burned-in
Yes
Board level
Fully qualified
Yes
Board level
Parts count
1
> 100
Design-in time
Lower
Higher
Assembly cost
Lower
Higher
Yield/Repair cost
Lower
Higher
Time to market
Lower
Higher
Standard off-shelf part
Yes
No
Device Code
Input Voltage
Output
Vmg/mt
Connector
Comcode
Power
Output
Type
PIM200FZ
-48 V (-38 to -75 V DC)
200 W
-3.3 V DC
Thru Hole
CC109101813
PIM200AZ
-48 V (-38 to -75 V DC)
200 W
-5.0 V DC
Thru Hole
CC109106762
PIM300FZ
-48 V (-38 to -75 V DC)
300 W
-3.3 V DC
Thru Hole
CC109113858
PIM300AZ
-48 V (-38 to -75 V DC)
300 W
-5.0 V DC
Thru Hole
CC109122322



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com