Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1934026-1 Datasheet(PDF) 12 Page - Tyco Electronics

Part # 1934026-1
Description  Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1934026-1 Datasheet(HTML) 12 Page - Tyco Electronics

Back Button 1934026-1 Datasheet HTML 8Page - Tyco Electronics 1934026-1 Datasheet HTML 9Page - Tyco Electronics 1934026-1 Datasheet HTML 10Page - Tyco Electronics 1934026-1 Datasheet HTML 11Page - Tyco Electronics 1934026-1 Datasheet HTML 12Page - Tyco Electronics 1934026-1 Datasheet HTML 13Page - Tyco Electronics 1934026-1 Datasheet HTML 14Page - Tyco Electronics 1934026-1 Datasheet HTML 15Page - Tyco Electronics 1934026-1 Datasheet HTML 16Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
12
Catalog 3-1773445-8
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are U.S. equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Product Defined in AdvancedTCA/AdvancedTCA 300 Specifications (Continued)
Solutions for AdvancedTCA, AdvancedTCA 300,
MicroTCA, and AdvancedMC Standards
AdvancedMC, AdvancedTCA, AdvancedTCA 300, MicroTCA and PICMG are trademarks
of PICMG-PCI Industrial Computer Manufacturers Group Incorporated.
Tyco Electronics Z-PACK TinMan product is
a new high speed, 100-Ohm Impedance
matched connector with extreme signal
density. This connector can be pinned out
for lower speed signal ended lines and exists
in 3, 4, and 5 pair per column versions.
Z-PACK TinMan Connectors for AdvancedTCA Standards — Zone 3
FEATURES:
• High speed: +10 Gbps
• High Density: 25 pair/cm [66
pairs/in]
• 3, 4, and 5 pair per column
versions (5 pair shown)
• Available with or without end walls
for pin protection
• Designed
to
meet
Telcordia
requirements
Z-PACK TinMan Receptacles
No. of Pairs
Columns
Part Number
Dimensions
Length
Width
8
1934226-1
31.81
15.35
3
1.25
.604
16
1934229-1
31.81
30.55
1.25
1.203
8
1934222-1
31.81
15.35
4
1.25
.604
16
1934225-1
31.81
30.55
1.25
1.203
8
1934218-1
31.81
15.35
5
1.25
.604
16
1934221-1
31.81
30.55
1.25
1.203
Z-PACK TinMan Headers
No. of Pairs
Columns
Part Number
Dimensions
End
Length
Width
Walls
1469974-1
31.81
15.35
N
8
1.25
.604
1469977-1
31.81
18.05
Y
3
1.25
.710
1934034-1
31.81
30.55
N
16
1.25
1.203
1934037-1
31.81
33.25
Y
1.25
1.31
1469793-1
31.81
15.35
N
8
1.25
.604
1469795-1
31.81
18.05
Y
4
1.25
.710
1934026-1
31.81
30.55
N
16
1.25
1.203
1934029-1
31.81
33.25
Y
1.25
1.31
1469735-1
31.81
15.35
N
8
1.25
.604
1469737-1
31.81
18.05
Y
5
1.25
.710
1934018-1
31.81
30.55
N
16
1.25
1.203
1934021-1
31.81
33.25
Y
1.25
1.31
15.35 ± 0.05
[.604 ± .002]
31.81 ± 0.05
[1.252 ± .002]
Note: Part Numbers are RoHS compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com