Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1934026-1 Datasheet(PDF) 19 Page - Tyco Electronics

Part # 1934026-1
Description  Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1934026-1 Datasheet(HTML) 19 Page - Tyco Electronics

Back Button 1934026-1 Datasheet HTML 15Page - Tyco Electronics 1934026-1 Datasheet HTML 16Page - Tyco Electronics 1934026-1 Datasheet HTML 17Page - Tyco Electronics 1934026-1 Datasheet HTML 18Page - Tyco Electronics 1934026-1 Datasheet HTML 19Page - Tyco Electronics 1934026-1 Datasheet HTML 20Page - Tyco Electronics 1934026-1 Datasheet HTML 21Page - Tyco Electronics 1934026-1 Datasheet HTML 22Page - Tyco Electronics 1934026-1 Datasheet HTML 23Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
19
Catalog 3-1773445-8
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are U.S. equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Product Defined in MicroTCA Specification (Continued)
Solutions for AdvancedTCA, AdvancedTCA 300,
MicroTCA, and AdvancedMC Standards
AdvancedMC, AdvancedTCA,
AdvancedTCA 300, MicroTCA and
PICMG are trademarks of PICMG-PCI
Industrial Computer Manufacturers
Group Incorporated.
Right Angle Plug
Part Number 1469921-1
(solder tail)
Part Number 1469922-1
(press-fit)
Part Number 1469922-2
(press-fit, tin-lead pcb tails)
The right angle connector
consists of 72 high density
signal pins and 24 right
angle UPM blades in a 2 x
12 configuration. There are
8 power blades that are
longer for first mate/break
last ground sequencing.
The right angle connectors
come in 2 piece tail varia-
tions, press-fit and solder.
3.00
[.118]
Ref.
Ref.
Reference Back Plane Surface
20.70
[.815]
Ref.
1.50
[.060]
Ref.
32.35
[1.274]
Ref.
19.00
[.748]
Ref.
29.50
[1.161]
Ref.
35.50
[1.398]
Ref.
15.15
[.600]
Ref. Dim.
To Signal
Column A
23.60
[.929]
Ref.
39.60 ± 0.10
[1.559 ± .004]
17.40 ± 0.10
[.685 ± .004]
11.85 ± 0.10
[.467 ± .004]
19.12 ± 0.10
[.753 ± .004]
9.30 ± 0.13
[.366 ± .005]
12.00 ± 0.10
[.472 ± .004]
22.12 ± 0.15
[.871 ± .006]
Section A - A
2.55 ± 0.20
[.100 ± .008]
20.20 ± 0.10
[.795 ± .004]
Ground
Contacts
Positions
P4 Thru P11
Top Surface
of PCB Aligned With
Row B Contact CL
Position 13
Position 1
18.62
[.733]
Sense Pin
Location
(1A)
0.40
[.016]
Ref.
Typ.
Ref.
11.50
[.453]
Ref.
3.37
[.133]
10.90 ± 0.13
[.429 ± .005]
3.00
[.118]
Ref.
Ref.
Reference Back Plane Surface
20.70
[.815]
Ref.
1.50
[.060]
Ref.
32.35
[1.274]
Ref.
19.00
[.748]
Ref.
29.50
[1.161]
Ref.
35.50
[1.398]
Ref.
15.15
[.600]
Ref. Dim.
To Signal
Column A
23.60
[.929]
Ref.
39.60 ± 0.10
[1.559 ± .004]
17.40 ± 0.10
[.685 ± .004]
11.85 ± 0.10
[.467 ± .004]
19.12 ± 0.10
[.753 ± .004]
9.30 ± 0.13
[.366 ± .005]
12.00 ± 0.10
[.472 ± .004]
22.12 ± 0.15
[.871 ± .006]
Section A - A
3.30 ± 0.20
[.130 ± .008]
20.20 ± 0.10
[.795 ± .004]
Ground
Contacts
Positions
P4 Thru P11
Top Surface
of PCB Aligned With
Row B Contact CL
Position 13
Position 1
18.62
[.733]
Sense Pin
Location
(1A)
0.40
[.016]
Ref.
Typ.
Ref.
11.50
[.453]
Ref.
3.37
[.133]
10.90 ± 0.13
[.429 ± .005]
MINIPAK HD Power
Connectors (Continued)
Part Number 1469921-1
Part Number 1469922-1
Note: Part Numbers are RoHS
compliant except:
Indicates
“5 of 6 compliant” (lead in
solderable interface only).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com