Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E53-R Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # E53-R
Description  Advanced Digital Controllers Ideal for Worldwide Use
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E53-R Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button E53-R Datasheet HTML 2Page - Omron Electronics LLC E53-R Datasheet HTML 3Page - Omron Electronics LLC E53-R Datasheet HTML 4Page - Omron Electronics LLC E53-R Datasheet HTML 5Page - Omron Electronics LLC E53-R Datasheet HTML 6Page - Omron Electronics LLC E53-R Datasheet HTML 7Page - Omron Electronics LLC E53-R Datasheet HTML 8Page - Omron Electronics LLC E53-R Datasheet HTML 9Page - Omron Electronics LLC E53-R Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
E5AK
7
Nomenclature
E5AK
Operation Indicators
A/M Key
No. 1 Display
No. 2 Display
Up Key/Down Key
Display Key
• OUT1
Lights when the pulse output
function assigned to control output
1 turns ON.
• OUT2
Lights when the pulse output
function assigned to control output
2 turns ON.
• SUB1
Lights when the output function
assigned to auxiliary output 1
turns ON.
• SUB2
Lights when the output function
assigned to auxiliary output 2
turns ON.
• MANU
Lights when the manual operation
mode.
• STOP
Lights during operation has
stopped.
• RMT
Lights during remote operation.
• AT
Flashes during auto-tuning.
• RSP
Lights during remote SP opera-
tion.
• Bar Graph
On a standard model (E5AK-
AA2), this bar graph indicates the
manipulated variable (heat) in
10% increments per single
segment. On a position-
proportional model (E5AK-PRR2),
this bar graph indicates the valve
opening in 10% increments per
single segment.
Press to select the auto operation or
manual operation.
Press for less than 1 s to shift the
display to the next parameter. When
this key is pressed for 1 s or more,
the menu screen will be displayed in
any case.
Press to increase or decrease the
value on the No.2 display.
Displays the set point, manipulated
variable, or parameter settings.
Displays the process value or
parameter symbols.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com