Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E53-R Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E53-R
Description  Advanced Digital Controllers Ideal for Worldwide Use
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E53-R Datasheet(HTML) 1 Page - Omron Electronics LLC

  E53-R Datasheet HTML 1Page - Omron Electronics LLC E53-R Datasheet HTML 2Page - Omron Electronics LLC E53-R Datasheet HTML 3Page - Omron Electronics LLC E53-R Datasheet HTML 4Page - Omron Electronics LLC E53-R Datasheet HTML 5Page - Omron Electronics LLC E53-R Datasheet HTML 6Page - Omron Electronics LLC E53-R Datasheet HTML 7Page - Omron Electronics LLC E53-R Datasheet HTML 8Page - Omron Electronics LLC E53-R Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CSM_E5AK_DS_E_3_1
1
Digital Controller
E5AK
Advanced Digital Controllers Ideal for
Worldwide Use
• Modular structure
• High-accuracy: 100 ms sampling (for analog input)
• Auto-tuning and fuzzy self-tuning
• Conforms to international EMC and safety standards.
• IP66/NEMA4 (indoor use) front face
• Remote set point
• Serial communications (RS-232C, RS-422 and RS-485) and
transfer output (4 to 20 mA)
• Position-proportional control model
• Heating/cooling control
Refer to Safety Precautions for All Temperature Controllers.
Refer to E5
@K Operation for operating
procedures.
Model Number Structure
■ Model Number Legend
1. Model
AA:
Standard model
PRR: Position-proportional model
T:
Programmable type
2. Number of alarms
2:
Two alarms
12
E5AK-
@@@ @ -500


Similar Part No. - E53-R

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E53-R OMRON-E53-R Datasheet
694Kb / 36P
Digital Controller
E53-R4R4 OMRON-E53-R4R4 Datasheet
273Kb / 22P
Advanced, Compact Digital Controllers
E53-R4R4 OMRON-E53-R4R4 Datasheet
795Kb / 14P
Advanced, 1/16-DIN Ramp/Soak Process Controllers Ideal for Worldwide Use
More results

Similar Description - E53-R

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E5CK OMRON-E5CK Datasheet
273Kb / 22P
Advanced, Compact Digital Controllers
E5CK-AA1-500 OMRON-E5CK-AA1-500 Datasheet
795Kb / 14P
Advanced, 1/16-DIN Ramp/Soak Process Controllers Ideal for Worldwide Use
E53-CN03N2 OMRON-E53-CN03N2 Datasheet
5Mb / 72P
Digital Temperature Controllers/Digital Controllers
E53Q4 OMRON-E53Q4 Datasheet
967Kb / 10P
Advanced Digital Controllers Ideal for Worldwide Use
logo
RSG Electronic Componen...
ZWS5 RSG-ZWS5 Datasheet
466Kb / 4P
Single Output Low Cost, Worldwide Use
logo
Silicon Laboratories
SI2141 SILABS-SI2141 Datasheet
206Kb / 2P
Worldwide Digital TV Tuner
SI2147 SILABS-SI2147 Datasheet
59Kb / 2P
Worldwide Digital TV Tuner
SI2148 SILABS-SI2148 Datasheet
123Kb / 2P
Worldwide Digital TV Tuner
logo
PHOENIX CONTACT
1810191 PHOENIX-1810191 Datasheet
117Kb / 4P
Well-known connection principle allows worldwide use
logo
Skyworks Solutions Inc.
SI2141 SKYWORKS-SI2141 Datasheet
190Kb / 2P
Worldwide Digital TV Tuner
August 9, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com