Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E53-R Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # E53-R
Description  Advanced Digital Controllers Ideal for Worldwide Use
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E53-R Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button E53-R Datasheet HTML 2Page - Omron Electronics LLC E53-R Datasheet HTML 3Page - Omron Electronics LLC E53-R Datasheet HTML 4Page - Omron Electronics LLC E53-R Datasheet HTML 5Page - Omron Electronics LLC E53-R Datasheet HTML 6Page - Omron Electronics LLC E53-R Datasheet HTML 7Page - Omron Electronics LLC E53-R Datasheet HTML 8Page - Omron Electronics LLC E53-R Datasheet HTML 9Page - Omron Electronics LLC E53-R Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
E5AK
6
■ Output Unit Ratings and Characteristics
Note: An output relay (1 A at 250 VAC) is mounted on the position-proportional model. (When replacing, use the E53-R.)
■ Option Unit Ratings and Characteristics
Note: Event input is used for switching the target value, run or stop command, or automatic and manual mode with an external signal input.
■ Current Transformer Ratings
■ Heater Burnout Alarm
Note: 1. Use the K2CU-F
@@A-@GS (with gate input terminals) for the detection of three-phase heater burnout.
2. The heater burnout alarm is always OFF if the alarm is set to 0.0 A and always ON if the alarm is set to 50.0 A.
3. No heater burnout detection or heater current value measurement is possible if the control output (heat) is ON for less than 190 ms.
Model
Specifications
E53-R
Relay output
5 A at 250 VAC (resistive load)
E53-S
SSR output
1 A at 75 to 250 VAC (resistive load)
E53-Q
Voltage output
NPN: 40 mA at 12 VDC
(with short-circuit protection)
E53-Q3
NPN: 20 mA at 24 VDC
(with short-circuit protection)
E53-Q4
PNP: 20 mA at 24 VDC
(with short-circuit protection)
E53-C3
Linear current output
4 to 20 mA, permissible load impedance: 600
Ω max., resolution: approx. 2,600
E53-C3D
0 to 20 mA, permissible load impedance: 600
Ω max., resolution: approx. 2,600
E53-V34
Linear voltage output
0 to 10 VDC, permissible load impedance: 1 k
Ω min., resolution: approx. 2,600
E53-V35
0 to 5 VDC, permissible load impedance: 1 k
Ω min., resolution: approx. 2,600
Model
Specifications
E53-AKB
Event input
Contact input:
ON: 1 k
Ω max., OFF: 100 kΩ min.
No-contact input:
ON: residual voltage 1.5 V max., OFF: leakage current 0.1 mA max.
E53-EN01
Communications
RS-232C
Transmission method:
Half-duplex
Synchronization method: Start-stop synchronization (asynchronous method)
Baud rate:
1.2/2.4/4.8/9.6/19.2 kbps
Transmission code:
ASCII
E53-EN02
RS-422
E53-EN03
RS-485
E53-AKF
Transfer output
4 to 20 mA:
Permissible load impedance: 600
Ω max.
Resolution: approx. 2,600
Dielectric strength
1,000 VAC (for 1 min)
Vibration resistance
50 Hz, 98 m/s2 (10G)
Weight
E54-CT1: approx. 11.5 g; E54-CT3: approx. 50 g
Accessories (E54-CT3 only)
Armature: 2; Plug: 2
Max. heater current
Single-phase 50 A VAC (See note 1.)
Heater current value display accuracy
±5% FS±1 digit max.
Heater burnout alarm setting range
0.1 to 49.9 A (in units of 0.1 A) (See note 2.)
Min. detection ON time
190 ms (See note 3.)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com