Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E53-R Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E53-R
Description  Advanced Digital Controllers Ideal for Worldwide Use
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E53-R Datasheet(HTML) 2 Page - Omron Electronics LLC

  E53-R Datasheet HTML 1Page - Omron Electronics LLC E53-R Datasheet HTML 2Page - Omron Electronics LLC E53-R Datasheet HTML 3Page - Omron Electronics LLC E53-R Datasheet HTML 4Page - Omron Electronics LLC E53-R Datasheet HTML 5Page - Omron Electronics LLC E53-R Datasheet HTML 6Page - Omron Electronics LLC E53-R Datasheet HTML 7Page - Omron Electronics LLC E53-R Datasheet HTML 8Page - Omron Electronics LLC E53-R Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
E5AK
2
Ordering Information
■ List of Models
Note: 1. When using the heater burnout alarm function with a standard model, the Linear Output Unit cannot be used for the control outputs (heat).
2. Be sure to specify the Current Transformer, Output Unit, and Option Unit when ordering.
3. The Digital Controller provides transfer outputs at 4 to 20 mA for the PV and other values and control outputs at 4 to 20 mA for the current
outputs.
Note: The Digital Controller uses a dedicated, high-resolution Output Unit. The E53-C Current Output Unit for the E5
@X cannot be used with the
Digital Controller.
Note: 1. The Option Unit can be used either by the E5AK or E5EK.
2. The E5AK allows a maximum of three Option Units to be mounted. Refer to page 8 for mounting combinations.
The E5EK allows only one Option Unit to be mounted.
Inspection Report
The Digital Controller can be provided together with an inspection report.
Refer to the following legend with the suffix “K” when ordering a model provided together with an inspection report.
E5
@K-AA2-K, E5@K-PRR2-K, E5@K-TAA2-K, E5@K-TPRR2-K, E53-AKF-K
Description
Model
Specification
Base Unit
E5AK-AA2 AC100-240
Standard model
E5AK-AA2-500 AC100-240
Standard model with terminal cover
E5AK-PRR2 AC100-240
Position-proportional model
E5AK-PRR2-500 AC100-240
Position-proportional model with terminal cover
E5AK-TAA2 AC100-240
Standard model
E5AK-TAA2-500 AC100-240
Standard model with terminal cover
E5AK-TPRR2 AC100-240
Position-proportional model
E5AK-TPRR2-500 AC100-240
Position-proportional model with terminal cover
Description
Model
Specification
Output Unit
E53-R
Relay
E53-S
SSR
E53-Q
Pulse (NPN) 12 VDC
E53-Q3
Pulse (NPN) 24 VDC
E53-Q4
Pulse (PNP) 24 VDC
E53-C3
Linear (4 to 20 mA)
E53-C3D
Linear (0 to 20 mA)
E53-V34
Linear (0 to 10 V)
E53-V35
Linear (0 to 5 V)
Description
Model
Specification
Option Unit
E53-AKB
Event input
E53-EN01
Communication (RS-232C)
E53-EN02
Communication (RS-422)
E53-EN03
Communication (RS-485)
E53-AKF
Transfer output



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com