Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8412 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS8412
Description  Low Cost, 20-Bit, Stereo, Audio D/A Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8412 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS8412 Datasheet HTML 2Page - Cirrus Logic CS8412 Datasheet HTML 3Page - Cirrus Logic CS8412 Datasheet HTML 4Page - Cirrus Logic CS8412 Datasheet HTML 5Page - Cirrus Logic CS8412 Datasheet HTML 6Page - Cirrus Logic CS8412 Datasheet HTML 7Page - Cirrus Logic CS8412 Datasheet HTML 8Page - Cirrus Logic CS8412 Datasheet HTML 9Page - Cirrus Logic CS8412 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
CS4327
6
DS190F1
DIGITAL CHARACTERISTICS (T
A = 25 °C; VD+ = 5 V ±5%)
ABSOLUTE MAXIMUM RATINGS (AGND = DGND = 0 V; all voltages with respect to ground.)
WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
RECOMMENDED OPERATING CONDITIONS
(AGND = DGND = 0 V; all voltages with respect to ground.)
Parameter
Symbol
Min
Typ
Max
Unit
High-Level Input Voltage
VIH
2.0
-
-
V
Low-Level Input Voltage
VIL
--
0.8
V
Input Leakage Current
-
-
±10.0
µA
Digital Input Capacitance
-
10
-
pF
Parameter
Symbol
Min
Max
Unit
DC Power Supply:
Positive Analog
Positive Digital
|VA+ - VD+|
VA+
VD+
-0.3
-0.3
0.0
6.0
6.0
0.4
V
V
V
Input Current, Any Pin Except Supplies
Iin
-±10
mA
Digital Input Voltage
VIND
-0.3
(VD+) + 0.4
V
Ambient Operating Temperature (power applied)
TA
-55
125
°C
Storage Temperature
Tstg
-65
150
°C
Parameter
Symbol
Min
Typ
Max
Unit
DC Power Supply:
Positive Analog
Positive Digital
|VA+ - VD+|
VA+
VD+
4.75
4.75
-
5.0
5.0
-
5.25
5.25
0.1
V
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com