Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8412 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS8412
Description  Low Cost, 20-Bit, Stereo, Audio D/A Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8412 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS8412 Datasheet HTML 20Page - Cirrus Logic CS8412 Datasheet HTML 21Page - Cirrus Logic CS8412 Datasheet HTML 22Page - Cirrus Logic CS8412 Datasheet HTML 23Page - Cirrus Logic CS8412 Datasheet HTML 24Page - Cirrus Logic CS8412 Datasheet HTML 25Page - Cirrus Logic CS8412 Datasheet HTML 26Page - Cirrus Logic CS8412 Datasheet HTML 27Page - Cirrus Logic CS8412 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
JUMPER
PURPOSE
POSITION
FUNCTION SELECTED
CSLR/FCK
Selects channel for
CS8412 channel status
information
L
See CS8412 data sheet for details
R
Clock Select
Selects source of system
clocks and data
*8412
CS8412 clock/data source
EXT
External clock/data source
J22
J23
Selects MCLK as
input or output
0
1
See
Input/Output for Clocks and
Data section of text
M0
CS8412 mode select
*Low
See CS8412 data sheet for details
M1
*Low
M2
*Low
M3
*Low
auto_mute
CS4327 Auto Mute
*Low
On
High
Off
DEM0
DEM1
De-emphasis select
*High
See CS4327 data sheet for details
*Low
set for 44.1 kHz
DIF0
CS4327 digital input
*Low
See CS4327 data sheet for details
DIF1
format
*High
SCLK
CS4327 SCLK Mode
*INT
Internal SCLK Mode
EXT
External SCLK Mode
DEM_8412
Selects source of de-
emphasis control
*Low
CS8412 de-emphasis
High
De-emphasis input static high
* Default setting from factory
Table 2. CDB4327 Jumper Selectable Options
CONNECTOR
INPUT/OUTPUT
SIGNAL PRESENT
+5V
input
+5 Volts for the CS4327, CS8412, and digital
section
+/- 12V
input
+/- 12 Volts for analog filter section
GND
input
ground connection from power supply
Digital input
input
digital audio interface input via coax
Optical input
input
digital audio interface input via optical
J1
input/output
I/O for system clocks and digital audio data
AOUTL
output
left channel analog output
AOUTR
output
right channel analog output
Table 1. System Connections
CDB4327
24
DS190DB1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com