Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8412 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS8412
Description  Low Cost, 20-Bit, Stereo, Audio D/A Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8412 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS8412 Datasheet HTML 9Page - Cirrus Logic CS8412 Datasheet HTML 10Page - Cirrus Logic CS8412 Datasheet HTML 11Page - Cirrus Logic CS8412 Datasheet HTML 12Page - Cirrus Logic CS8412 Datasheet HTML 13Page - Cirrus Logic CS8412 Datasheet HTML 14Page - Cirrus Logic CS8412 Datasheet HTML 15Page - Cirrus Logic CS8412 Datasheet HTML 16Page - Cirrus Logic CS8412 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
CS4327
DS190F1
13
Analog Output and Filtering
The CS4327 contains an on-chip buffer amplifier
producing single-ended outputs. Each output will
produce a nominal 2.83 Vpp (1 Vrms) output with
a 2.3 volt common mode for a full scale digital in-
put.
The CS4327 filter is a linear phase design and does
not include phase or amplitude compensation for
an external filter. Therefore, the DAC system phase
and amplitude response will be dependent on the
external analog circuitry. The second-order low-
pass filter with a -3 dB frequency of 50 kHz shown
in Figure 10 will give good results in most applica-
tions. The design of this filter is discussed in AN55,
the Crystal Applications Note "Design Notes for a
2-pole Filter." Figure 11 displays the the output
spectrum of the CS4327. Figure 12 displays the
output spectrum following the 2-pole filter. Notice
the attenuation beyond 50 kHz.
_
150 pF
3.4k
10k
100 pF
+
20k
Figure 10. 2-pole Butterworth Fillter
Figure 11. CS4327 Output Spectrum
Fs = 48 kHz
Figure 12. 2-pole Filtered Output Spectrum
Fs = 48 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com