Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8412 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS8412
Description  Low Cost, 20-Bit, Stereo, Audio D/A Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8412 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS8412 Datasheet HTML 18Page - Cirrus Logic CS8412 Datasheet HTML 19Page - Cirrus Logic CS8412 Datasheet HTML 20Page - Cirrus Logic CS8412 Datasheet HTML 21Page - Cirrus Logic CS8412 Datasheet HTML 22Page - Cirrus Logic CS8412 Datasheet HTML 23Page - Cirrus Logic CS8412 Datasheet HTML 24Page - Cirrus Logic CS8412 Datasheet HTML 25Page - Cirrus Logic CS8412 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
CDB4327 System Overview
The CDB4327 evaluation board is an excellent
means of quickly evaluating the CS4327. The
CS8412 digital audio interface receiver provides
an easy interface to digital audio signal sources
including the majority of digital audio test equip-
ment. The evaluation board also allows the user
to supply clocks and data through a 10-pin
header for system development.
The CDB4327 schematic has been partitioned
into 7 schematics shown in Figures 2 through 8.
Each partitioned schematic is represented in the
system diagram shown in Figure 1. Notice that
the the system diagram also includes the inter-
connections between the partitioned schematics.
CS4327 Digital to Analog Converter
A description of the CS4327 is included in the
CS4327 data sheet.
CS8412 Digital Audio Receiver
The system receives and decodes the standard
S/PDIF data format using a CS8412 Digital
Audio Receiver, Figure 8. The outputs of the
CS8412 include a serial bit clock, serial data,
left-right clock (FSYNC), de-emphasis control
and a 256Fs master clock. The operation of the
CS8412 and a discussion of the digital audio in-
te rface a re inc lud ed in t he 19 94 Crystal
Semiconductor Audio Data Book.
During normal operation, the CS8412 operates in
the Channel Status mode where the LED’s dis-
play channel status information for the channel
selected by the CSLR/FCK jumper. This allows
the CS8412 to decode and supply the de-empha-
sis bit from the digital audio interface for control
of the CS4327 de-emphasis filter via pin 3,
CC/F0, of the CS8412.
When the Error Information Switch is activated,
the CS8412 operates in the Error and Frequency
information mode. The information displayed by
the LED’s can be decoded by consulting the
CS8412 data sheet. If the Error Information
Switch is activated, the CC/F0 output has no re-
lation to the de-emphasis bit and it is likely that
the de-emphasis control for the CS4327 will be
erroneous and produce an incorrect audio output.
Encoded sample frequency information can be
displayed provided a proper clock is being ap-
plied to the FCK pin of the CS8412. When an
LED is lit, this indicates a "1" on the corre-
sponding pin located on the CS8412. When an
LED is off, this indicates a "0" on the corre-
sponding pin.
Neither the L or R option of
CSLR/FCK should be selected if the FCK pin is
being driven by a clock signal.
The evaluation board has been designed such
that the input can be either optical or coax, Fig-
ure 7. It is not necessary to select the active
input. However, both inputs can not be driven
simultaneously.
Data Format
The CS4327 must be configured to be compat-
ible with the incoming data and can be set with
DIF0 and DIF1. The CS8412 data format can be
set with the M0, M1, M2 and M3. There are sev-
eral data formats which the CS8412 can produce
that are compatible with CS4327. Refer to Table
2 for one possibility.
Power Supply Circuitry
Power is supplied to the evaluation board by
four binding posts, Figure 9. The +5 Volt input
supplies power to the CS4327 (through VA+),
the CS8412 (through VA+ and VD+), and the +5
Volt digital circuitry (through VD+). The +/- 12
Volt input supplies power to the analog filter cir-
cuitry.
CDB4327
22
DS190DB1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com