Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4924 Datasheet(PDF) 33 Page - Cirrus Logic

Part # CS4924
Description  Multi-Channel Digital Audio Decoders
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4924 Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CS4924 Datasheet HTML 29Page - Cirrus Logic CS4924 Datasheet HTML 30Page - Cirrus Logic CS4924 Datasheet HTML 31Page - Cirrus Logic CS4924 Datasheet HTML 32Page - Cirrus Logic CS4924 Datasheet HTML 33Page - Cirrus Logic CS4924 Datasheet HTML 34Page - Cirrus Logic CS4924 Datasheet HTML 35Page - Cirrus Logic CS4924 Datasheet HTML 36Page - Cirrus Logic CS4924 Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
CS4923/4/5/6/7/8/9
DS262F2
33
6.
CONTROL
Control
of
the
CS4923/4/5/6/7/8/9
can
be
accomplished through one of four methods. The
CS492X
supports
I2C
and
SPI
serial
communication. In addition the CS492X supports
both a Motorola and Intel byte wide parallel host
control mode. Only one of the four communication
modes can be selected for control. The states of the
RD, WR, and PSEL pins at the rising edge of
RESET determine the interface type as shown in
table 2.
Whichever host communication mode is used, host
control of the CS4923/4/5/6/7/8/9 is handled
through the application software running on the
DSP. Configuration and control of the CS492X
decoder and its peripherals are indirectly executed
through a messaging protocol supported by the
downloaded application code. In other words
successful
communication
can
only
be
accomplished by following the low level hardware
communication format and high level messaging
protocol. The specifications of the messaging
protocol can be found in any of the application
code user’s guides.
It should be noted that when using the CS4926 or
CS4928 for DTS decoding, an external memory
interface must be used for DTS tables that are
required for decoding. (see section 6.5 for
information on external memory). The external
memory interface and the parallel interface modes
can not be used together. For this reason the system
designer must use one of the serial communication
modes with external memory if designing with the
CS4926 or CS4928 for DTS decode. An image of
the DTS tables is available from the factory.
Below is a brief discussion of each of the
communication
modes
available
for
the
CS4923/4/5/6/7/8/9. For a complete description of
these communication modes along with flow
charts, pseudocode and restrictions, please consult
the CS4923/4/5/6/7/8/9 Hardware User’s Guide. A
complete understanding of the decoder and its
operation can not be accomplished without
consulting
the
CS4923/4/5/6/7/8/9
Hardware
User’s Guide and the application code user’s
guides.
6.1 Boot and Control Mode Overview
Regardless of which communication mode is used,
the CS4923/4/5/6/7/8/9 must be booted and loaded
with code at run time. The general sequence from a
hardware perspective is as follows:
5)
RESET Low
6) Set Communication Configuration Pins
7) RESET High
8) Download Code
9) Configure Hardware
10) Configure Application Code
11) Kickstart the Decoder
The host has three options for code download:
•
Parallel Download through the parallel host in-
terface
•
Serial download through either the SPI or I2C
interface
•
Autoboot with external memory when using a
serial communication mode.
Once again the CS4923/4/5/6/7/8/9 Hardware
User’s Guide should be consulted for a complete
description of the boot and download procedure
including
the
necessary
communication
handshaking. Hardware configuration is also
RD
(Pin 5)
WR
(Pin 4)
PSEL
(Pin 19)
Host Interface Mode
1
1
1
8-bit Motorola
1
1
0
8-bit Intel
01
X
Serial I2C
1
0
X
Serial SPI
Table 2. Host Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com