Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4924 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS4924
Description  Multi-Channel Digital Audio Decoders
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4924 Datasheet(HTML) 4 Page - Cirrus Logic

  CS4924 Datasheet HTML 1Page - Cirrus Logic CS4924 Datasheet HTML 2Page - Cirrus Logic CS4924 Datasheet HTML 3Page - Cirrus Logic CS4924 Datasheet HTML 4Page - Cirrus Logic CS4924 Datasheet HTML 5Page - Cirrus Logic CS4924 Datasheet HTML 6Page - Cirrus Logic CS4924 Datasheet HTML 7Page - Cirrus Logic CS4924 Datasheet HTML 8Page - Cirrus Logic CS4924 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
CS4923/4/5/6/7/8/9
4
DS262F2
1.
CHARACTERISTICS AND SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
(AGND, DGND = 0 V; all voltages with respect to 0 V)
WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
RECOMMENDED OPERATING CONDITIONS
(AGND, DGND = 0 V; all voltages with respect to 0 V)
DIGITAL D.C. CHARACTERISTICS
(TA = 25 °C; VA, VD[3:1] = 3.3 V ±5%; measurements performed under static conditions.)
POWER SUPPLY CHARACTERISTICS
(TA = 25 °C; VA, VD[3:1] = 3.3 V ±5%; measurements performed under operating conditions)
Parameter
Symbol
Min
Max
Unit
DC power supplies:
Positive digital
Positive analog
||VA| – |VD||
VD
VA
–0.3
–0.3
-
3.63
3.63
0.4
V
V
V
Input current, any pin except supplies
Iin
-
±10
mA
Digital input voltage
VIND
–0.3
5.5
V
Ambient operating temperature (power applied)
TAmax
–55
125
°C
Storage temperature
Tstg
–65
150
°C
Parameter
Symbol
Min
Typ
Max
Unit
DC power supplies:
Positive digital
Positive analog
||VA| – |VD||
VD
VA
3.13
3.13
-
3.3
3.3
-
3.47
3.47
0.4
V
V
V
Ambient operating temperature
TA
0-
70
°C
Parameter
Symbol
Min
Typ
Max
Unit
High-level input voltage
VIH
2.0
-
-
V
Low-level input voltage
VIL
--
0.8
V
High-level output voltage at IO = –4.0 mA
VOH
VD
× 0.9
-
-
V
Low-level output voltage at IO = 4.0 mA
VOL
--
VD
× 0.1
V
Input leakage current
Iin
--
1.0
µA
Parameter
Symbol
Min
Typ
Max
Unit
Power supply current:
Digital operating: VD[3:1]
Analog operating: VA
-
-
225
4
435
8
mA
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com