Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4924 Datasheet(PDF) 43 Page - Cirrus Logic

Part # CS4924
Description  Multi-Channel Digital Audio Decoders
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4924 Datasheet(HTML) 43 Page - Cirrus Logic

Back Button CS4924 Datasheet HTML 39Page - Cirrus Logic CS4924 Datasheet HTML 40Page - Cirrus Logic CS4924 Datasheet HTML 41Page - Cirrus Logic CS4924 Datasheet HTML 42Page - Cirrus Logic CS4924 Datasheet HTML 43Page - Cirrus Logic CS4924 Datasheet HTML 44Page - Cirrus Logic CS4924 Datasheet HTML 45Page - Cirrus Logic CS4924 Datasheet HTML 46Page - Cirrus Logic CS4924 Datasheet HTML 47Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
CS4923/4/5/6/7/8/9
DS262F2
43
Although the memory can use more address bits,
typically only 16 bits of address space are used. For
this
reason
the
memory
example
shown
incorporates a 2 latch memory architecture.
The two latch external memory architecture is
required for the CS4926 or CS4928 when using
DTS. A three latch architecture can not be used
with the CS4926 or CS4928 running DTS since the
run time memory access uses only 2 address cycles.
6.5.1 External Memory and Autoboot
To
configure
the
CS4923/4/5/6/7/8/9
to
automatically load its code from external memory,
the ABOOT signal should be driven low at the
rising edge of RESET. Once again this mode can
only be chosen if either SPI or I2C serial
communication is being used. In serial control port
mode, holding the ABOOT pin low as the CS492X
leaves the reset state enables an automatic boot.
ABOOT can be released following the rising edge
of RESET. During the automatic boot cycle, the
serial control port should remain idle. Figure 23
shows an autoboot functional timing example.
The autoboot cycle actually is a 24 bit, or three
address byte cycle. It should be noted that for
autoboot, the most significant byte is always zero.
For this reason a two latch external memory
configuration can be used for autoboot. The higher
order address byte simply shifts out of the memory
latch and is discarded. If desired, a three latch
interface
could
also
be
used
with
the
CS4923/4/5/7/9 but it is not necessary.
For more information about autoboot and for a
thorough description of different external memory
architectures, reference the CS4923/4/5/6/7/8/9
Hardware User’s Guide.
RESET
ABOOT
EXTMEM
EMOE
EMWR
EMAD7:0
MA23:16
MA15:8
MA7:0
Data7:0
Figure 23. Autoboot Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com