Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4924 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS4924
Description  Multi-Channel Digital Audio Decoders
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4924 Datasheet(HTML) 1 Page - Cirrus Logic

  CS4924 Datasheet HTML 1Page - Cirrus Logic CS4924 Datasheet HTML 2Page - Cirrus Logic CS4924 Datasheet HTML 3Page - Cirrus Logic CS4924 Datasheet HTML 4Page - Cirrus Logic CS4924 Datasheet HTML 5Page - Cirrus Logic CS4924 Datasheet HTML 6Page - Cirrus Logic CS4924 Datasheet HTML 7Page - Cirrus Logic CS4924 Datasheet HTML 8Page - Cirrus Logic CS4924 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
1
Copyright
© Cirrus Logic, Inc. 1999
(All Rights Reserved)
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.cirrus.com
CS4923/4/5/6/7/8/9
Multi-Channel Digital Audio Decoders
l CS4923/4/5/6/7/8 features
— Optional Virtual 3D Output
— Simulated Surround and Programmable Effects
— Real Time Autodetection of Dolby Digital®,
DTS®, MPEG Multi-Channel and PCM
— Flexible 6-channel master or slave output
l CS4923/4/5/6/7/8/9 features
— IEC60958/61937 transmitter for compressed-
data or linear-PCM output
— Dedicated 8 kilobyte input buffer
— DAC clock via analog phase-locked loop
— Dedicated byte wide or serial host interface
— Multiple compressed data input modes
— PES layer decode for A/V synchronization
— 96-kHz-capable PCM I/O, master or slave
— Optional external memory and auto-boot
— +3.3-V CMOS low-power, 44-pin package
l CS4923/4/5/6 features
— Capable of Dolby Digital® Group A Performance
— Dolby bass manager and crossover filters
— Dolby Surround Pro Logic® Decoding
l CS4925/7: MPEG-2 Multi-Channel Decoder
l CS4926/8: DTS Multi-Channel Decoder
l CS4929: AAC 2-Channel (Low Complexity)
and MPEG-2 Stereo Decoder
Description
The CS4923/4/5/6/7/8 is a family of multi-channel digital
audio decoders, with the exception of the CS4929 as the
only stereo digital audio decoder. The CS4923/4/5/6 are
designed for Dolby Digital and MPEG-2 Stereo decoding. In
addition the CS4925 adds MPEG-2 multi-channel decoding
capability and the CS4926 provides DTS decoding. The
CS4927 is an MPEG-2 multi-channel decoder and the
CS4928 is a DTS multi-channel decoder. The CS4929 is an
AAC 2-channel and MPEG-2 stereo decoder. Each one of
the CS4923/4/5/6/7/8/9 provides a complete and flexible
solution for multi-channel (or stereo in the case of the
CS4929) audio decoding in home A/V receiver/amplifiers,
DVD movie players, out-board decoders, laser-disc players,
HDTV sets, head-end decoders, set-top boxes, and similar
products.
Cirrus Logic’s Crystal Audio Division provides a complete set
of audio decoder and auxiliary audio DSP application
programs for various applications. For all complementary
analog and digital audio I/O, Crystal Audio also provides a
complete set of high-quality audio peripherals including:
multimedia CODECs, stereo A/D and D/A converters and
IEC60958 interfaces. Of special note, the CS4226 is a
complementary CODEC providing a digital receiver, stereo
A/D converters, and six 20-bit DACs in one package.
ORDERING INFORMATION
CS4923xx-CL 44-pin PLCC (xx = ROM revision)
CRD4923
Reference design with CS4226
CDB4923
Evaluation board
AUG ‘99
DS262F2
DATA7:0,
CS
Parallel or Serial Host Interface
CMPCLK,
Compressed
PLL
FILT1
VA
Framer
DD
DC
MCLK
SCLK
LRCLK
AUDATA[2.0]
XMT958
CMPDAT,
SCLKN2
CMPREQ,
LRCLKN2
SCLKN1,
STCCLK2
LRCLKN1
SDATAN1
Data Input
Interface
Digital
Audio
Input
Interface
FILT2
AGND
Clock Manager
CLKIN
CLKSEL
Shifter
Input
Buffer
Controller
RAM Input
Buffer
DGND[3:1]
VD[3:1]
24-Bit
DSP Processing
RAM
Program
Memory
RAM
Data
Memory
ROM
Program
Memory
ROM
Data
Memory
STC
EMAD7:0,
GPIO7:0
R/W,
EMOE,
GPIO11
RD,
DS,
EMWR,
GPIO10
WR,
SCDOUT,
PSEL,
GPIO9
SCDIO,
A0,
SCCLK
A1,
SCDIN
ABOOT,
INTREQ
EXTMEM,
GPIO8
Output
Formatter
RAM
Buffer
Output
RESET
SDATAN2


Similar Part No. - CS4924

ManufacturerPart #DatasheetDescription
logo
High Voltage Power Solu...
CS4920C1 HVPSI-CS4920C1 Datasheet
106Kb / 1P
200 KV RECTIFIER
logo
Cirrus Logic
CS4922 CIRRUS-CS4922 Datasheet
662Kb / 34P
MPEG/G.729A AUDIO DECODER SYSTEM
CS4922-CL CIRRUS-CS4922-CL Datasheet
662Kb / 34P
MPEG/G.729A AUDIO DECODER SYSTEM
More results

Similar Description - CS4924

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA2505H PHILIPS-SAA2505H Datasheet
177Kb / 28P
Digital multi-channel audio IC DUET
1998 Mar 10
logo
Zilog, Inc.
Z87010 ZILOG-Z87010 Datasheet
89Kb / 22P
Audio Encoder/Decoders
logo
List of Unclassifed Man...
IBM39MPEGCS24 ETC1-IBM39MPEGCS24 Datasheet
69Kb / 4P
CS24 Digital Audio/Video Decoders
logo
STMicroelectronics
STA309A STMICROELECTRONICS-STA309A_07 Datasheet
663Kb / 67P
Multi-channel digital audio processor with DDX
Sep-2007
logo
Texas Instruments
DS90UA101-Q1 TI1-DS90UA101-Q1 Datasheet
1Mb / 42P
DS90UA101-Q1 Multi-Channel Digital Audio Link
DS90UA102-Q1 TI1-DS90UA102-Q1 Datasheet
1Mb / 46P
DS90UA102-Q1 Multi-Channel Digital Audio Link
logo
STMicroelectronics
STA309A13TR STMICROELECTRONICS-STA309A13TR Datasheet
598Kb / 67P
Multi-channel digital audio processor with DDX
12-Oct-2009
logo
Texas Instruments
DS90UA101-Q1 TI1-DS90UA101-Q1_14 Datasheet
571Kb / 41P
Multi-Channel Digital Audio Link
DS90UA102-Q1 TI1-DS90UA102-Q1_14 Datasheet
1Mb / 47P
Multi-Channel Digital Audio Link
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com