Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4923-CL Datasheet(PDF) 35 Page - Cirrus Logic

Part # CS4923-CL
Description  Multi-Channel Digital Audio Decoders
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4923-CL Datasheet(HTML) 35 Page - Cirrus Logic

Back Button CS4923-CL Datasheet HTML 31Page - Cirrus Logic CS4923-CL Datasheet HTML 32Page - Cirrus Logic CS4923-CL Datasheet HTML 33Page - Cirrus Logic CS4923-CL Datasheet HTML 34Page - Cirrus Logic CS4923-CL Datasheet HTML 35Page - Cirrus Logic CS4923-CL Datasheet HTML 36Page - Cirrus Logic CS4923-CL Datasheet HTML 37Page - Cirrus Logic CS4923-CL Datasheet HTML 38Page - Cirrus Logic CS4923-CL Datasheet HTML 39Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
CS4923/4/5/6/7/8/9
DS262F2
35
Host Message (HOSTMSG) Register, A[1:0] = 00b
HOSTMSG7–0
Host data to and from the DSP. A read or write of this register operates handshake bits between
the internal DSP and the external host. This register typically passes multibyte messages car-
rying microcode, control, and configuration data. HOSTMSG is physically implemented as two
independent registers for input and output. (Read and write)
Host Control (CONTROL) Register, A[1:0] = 01b
Reserved
Always write a 0 for future compatibility.
CMPRST
When set, initializes the CMPDATA compressed data input channel. Writing a one to this bit
holds the port in reset. Writing zero enables the port. This bit must be low for normal operation.
(Write only)
PCMRST
When set, initializes the linear PCM input channel. This bit is toggled to indicate the first sample
of the left channel for a PCM stream. Writing a one to this bit holds the port in reset. Writing zero
enables the port. This bit must be low for normal operation. (Write only)
MFC
When high, indicates that the PCMDATA input buffer is almost full. The input buffer threshold
level is application code dependent. (Read only)
MFB
When high, indicates that the CMPDATA input buffer is almost full. The input buffer threshold
level is application code dependent. (Read only)
HINBSY
Set when the host writes to HOSTMSG. Cleared when the DSP reads data from the HOSTMSG
register. The host reads this bit to determine if the last host byte written has been read by the
DSP. (Read only)
HOUTRDY
Set when the DSP writes to the HOSTMSG register. Cleared when the host reads data from
the HOSTMSG register. The DSP reads this bit to determine if the last DSP output byte has
been read by the host. (Read only)
Reserved
Always write a 0 for future compatibility.
PCM Data Input (PCMDATA) Register, A[1:0] = 10b
PCMDATA7–0
The host writes PCM data to the DSP input buffer at this address. (Write only)
Compressed Data Input (CMPDATA) Register, A[1:0] = 11b
CMPDATA7–0
The host writes compressed data to the DSP input buffer at this address. (Write only)
765
4321
0
HOSTMSG7
HOSTMSG6
HOSTMSG5
HOSTMSG4
HOSTMSG3
HOSTMSG2
HOSTMSG1
HOSTMSG0
765
4321
0
Reserved
CMPRST
PCMRST
MFC
MFB
HINBSY
HOUTRDY
Reserved
765
4321
0
PCMDATA7
PCMDATA6
PCMDATA5
PCMDATA4
PCMDATA3
PCMDATA2
PCMDATA1
PCMDATA0
765
4321
0
CMPDATA7
CMPDATA6
CMPDATA5
CMPDATA4
CMPDATA3
CMPDATA2
CMPDATA1
CMPDATA0
Table 5. Parallel Input/Output Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com