Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4923-CL Datasheet(PDF) 49 Page - Cirrus Logic

Part # CS4923-CL
Description  Multi-Channel Digital Audio Decoders
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4923-CL Datasheet(HTML) 49 Page - Cirrus Logic

Back Button CS4923-CL Datasheet HTML 45Page - Cirrus Logic CS4923-CL Datasheet HTML 46Page - Cirrus Logic CS4923-CL Datasheet HTML 47Page - Cirrus Logic CS4923-CL Datasheet HTML 48Page - Cirrus Logic CS4923-CL Datasheet HTML 49Page - Cirrus Logic CS4923-CL Datasheet HTML 50Page - Cirrus Logic CS4923-CL Datasheet HTML 51Page - Cirrus Logic CS4923-CL Datasheet HTML 52Page - Cirrus Logic CS4923-CL Datasheet HTML 53Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
CS4923/4/5/6/7/8/9
DS262F2
49
8.
PIN DESCRIPTIONS
VA—Analog Positive Supply: Pin 34
Analog positive supply for clock generator. Nominally +3.3 V.
AGND—Analog Supply Ground: Pin 35
Analog ground for clock generator PLL.
VD1, VD2, VD3—Digital Positive Supply: Pins 1, 12, 23
Digital positive supplies. Nominally +3.3 V.
DGND1, DGND2, DGND3—Digital Supply Ground: Pins 2, 13, 24
Digital ground.
FILT1—Phase-Locked Loop Filter: Pin 33
Connects to an external filter for the on-chip phase-locked loop. This pin does not meet Cirrus
Logic’s ESD tolerance of 2000 V using the human body model. This pin will tolerate ESD of
1000 V using the human body model.
7
8
9
10
11
12
13
14
15
16
17
39
38
37
36
35
34
33
32
31
30
29
18 19 20 21 22 23 24 25 26 27 28
6 5 4 3 2 1 44 43 42 41 40
CS4923-CL
44-pin PLCC
Top View
VD2
DATA4,EMAD4,GPIO4
VA
DATA5,EMAD5,GPIO5
DATA6,EMAD6,GPIO6
DATA7,EMAD7,GPIO7
A0, SCCLK
A1, SCDIN
RD,R/W,EMOE,GPIO11
WR,DS,EMWR,GPIO10
XMT958
DGND1
VD1
SDATAN1
EXTMEM, GPIO8
ABOOT, INTREQ
SCDIO, SCDOUT,PSEL,GPIO9
CS
DATA0,EMAD0,GPIO0
DATA1,EMAD1,GPIO1
DATA2,EMAD2,GPIO2
DATA3,EMAD3,GPIO3
DGND2
RESET
DD
DC
AUDATA2
AUDATA1
AUDATA0
LRCLK
SCLK
MCLK
VD3
DGND3
SCLKN1, STCCLK2
LRCLKN1
CMPDAT, SDATAN2
CMPCLK, SCLKN2
CMPREQ, LRCLKN2
CLKIN
CLKSEL
FILT2
FILT1
AGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com