Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4923-CL Datasheet(PDF) 51 Page - Cirrus Logic

Part # CS4923-CL
Description  Multi-Channel Digital Audio Decoders
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4923-CL Datasheet(HTML) 51 Page - Cirrus Logic

Back Button CS4923-CL Datasheet HTML 47Page - Cirrus Logic CS4923-CL Datasheet HTML 48Page - Cirrus Logic CS4923-CL Datasheet HTML 49Page - Cirrus Logic CS4923-CL Datasheet HTML 50Page - Cirrus Logic CS4923-CL Datasheet HTML 51Page - Cirrus Logic CS4923-CL Datasheet HTML 52Page - Cirrus Logic CS4923-CL Datasheet HTML 53Page - Cirrus Logic CS4923-CL Datasheet HTML 54Page - Cirrus Logic CS4923-CL Datasheet HTML 55Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 56 page
background image
CS4923/4/5/6/7/8/9
DS262F2
51
WR, DS, EMWR, GPIO10—Host Write Strobe or Host Data Strobe or External Memory Write
Enable or General Purpose Input & Output Number 10: Pin 4
In Intel parallel host mode, this pin serves as the active-low data-write-input strobe. In
Motorola parallel host mode, this pin serves as the active-low data-strobe-input signal. In serial
host mode, this pin can serve as the external-memory active-low write-enable output signal.
Also in serial host mode, this pin can serve as a general purpose input or output bit.
BIDIRECTIONAL - Default: INPUT
CS—Host Parallel Chip Select, Host Serial SPI Chip Select: Pin 18
In parallel host mode, this pin serves as the active-low chip-select input signal. In serial host
SPI mode, this pin is used as the active-low chip-select input signal. INPUT
RESET—Master Reset Input: Pin 36
Asynchronous active-low master reset input. Reset should be low at power-up to initialize the
CS4923/4/5/6/7/8/9 and to guarantee that the device is not active during initial power-on
stabilization periods. At the rising edge of reset the host interface mode is selected contingent
on the state of the RD, WR and PSEL pins. Additionally, an autoboot sequence can be initiated
if a serial control mode is selected and ABOOT is held low. If reset is low all bidirectional pins
are high impedance inputs. INPUT
SCDIO, SCDOUT, PSEL, GPIO9—Serial Control Port Data Input and Output, Parallel Port
Type Select: Pin 19
In I2C mode, this pin serves as the open-drain bidirectional data pin. In SPI mode this pin
serves as the data output pin. In parallel host mode, this pin is sampled at the rising edge of
RESET to configure the parallel host mode as an Intel type bus or as a Motorola type bus. In
parallel host mode, after the bus mode has been selected, the pin can function as a general-
purpose input or output pin. BIDIRECTIONAL - Default: INPUT
In I2C mode this pin is an OPEN DRAIN I/O and requires a 4.7k Pull-Up
EXTMEM, GPIO8—External Memory Chip Select or General Purpose Input & Output Number
8: Pin 21
In serial control port mode, this pin can serve as an output to provide the chip-select for an
external byte-wide ROM. In parallel and serial host mode, this pin can also function as a
general-purpose input or output pin. BIDIRECTIONAL - Default: INPUT
INTREQ, ABOOT—Control Port Interrupt Request, Automatic Boot Enable: Pin 20
Open-drain interrupt-request output. This pin is driven low to indicate that the DSP has
outgoing control data and should be serviced by the host. Also in serial host mode, this signal
initiates an automatic boot cycle from external memory if it is held low through the rising edge
of reset. OPEN DRAIN I/O - Requires 4.7k Ohm Pull-Up
AUDATA2—Digital Audio Output 2: Pin 39
PCM multi-format digital-audio data output, capable of two-channel 20-bit output. This PCM
output defaults to DGND as output until enabled by the DSP software. OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com