Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4923-CL Datasheet(PDF) 47 Page - Cirrus Logic

Part # CS4923-CL
Description  Multi-Channel Digital Audio Decoders
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4923-CL Datasheet(HTML) 47 Page - Cirrus Logic

Back Button CS4923-CL Datasheet HTML 43Page - Cirrus Logic CS4923-CL Datasheet HTML 44Page - Cirrus Logic CS4923-CL Datasheet HTML 45Page - Cirrus Logic CS4923-CL Datasheet HTML 46Page - Cirrus Logic CS4923-CL Datasheet HTML 47Page - Cirrus Logic CS4923-CL Datasheet HTML 48Page - Cirrus Logic CS4923-CL Datasheet HTML 49Page - Cirrus Logic CS4923-CL Datasheet HTML 50Page - Cirrus Logic CS4923-CL Datasheet HTML 51Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 56 page
background image
CS4923/4/5/6/7/8/9
DS262F2
47
In parallel host mode, the CS4923/4/5/6/7/8/9 can
accept PCM data written through the byte-wide
host interface to address 10b (A1 high, A0 low). In
this mode, there is a close connection between the
CS4923/4/5/6/7/8/9 application code and the host
processor that is delivering the PCM data. The
PCMRST bit of the CONTROL register provides
absolute software/hardware synchronization by
initializing the input channel to uniquely recognize
the first write to the byte-wide PCMDATA port.
Toggling PCMRST high and low informs the DSP
that the next sample read from the PCMDATA port
is the first sample of the left channel. In this
fashion, the CS492X can translate successive byte
writes into a variable number of channels with a
variable PCM sample size. In the most simple case,
the CS492X can receive stereo 8-bit PCM one byte
at a time with the internal DSP assigning the first
8-bit write (after PCMRST) to the left channel and
the second 8-bit write to the right channel. For
16-bit PCM, it assigns the first two 8-bit writes
(after PCMRST) to the left channel and the next
two writes to the right channel.
7.5 Digital Audio Output Port
The Digital Audio Output port, or DAO, is the port
used for digital output from the DSP. Table 12
shows the signals associated with the DAO. As
there
are
many
modes
that
are
firmware
configurable on the DAO, please consult the
Hardware User’s Guide and the application code
user’s guides to determine which modes are
supported by the download code being used.
MCLK is the master clock and is firmware
configurable to be either an input or an output. If
MCLK is to be used as an output, the internal PLL
must be used. As an output MCLK can be
configured to provide a 128Fs, 256Fs or 512Fs
clock, where Fs is the output sample rate.
SCLK is the bit clock used to clock data out on
AUDATA0, AUDATA1 and AUDATA2. LRCLK
is the data framing clock whose frequency is
typically equal to the sampling frequency. Both
LRCLK and SCLK can be configured as either
inputs (Slave mode) or outputs (Master mode).
When LRCLK and SCLK are configured as inputs,
MCLK is a don’t care as an input. When LRCLK
and SCLK are configured as outputs, they are
derived
from
MCLK.
Whether
MCLK
is
configured as an input or an output, an internal
divider from the MCLK signal is used to produce
LRCLK and SCLK. The ratios shown in table 13
give the possible SCLK values for different MCLK
frequencies (all values in terms of the sampling
frequency, Fs).
AUDAT0 is configurable to provide six, four, or
two channels. AUDAT1 and AUDAT2 can both
output two channels of data. Typically all three
AUDAT outputs are used in left justified, I2S or
right justified modes. In this way all six channels of
surround (Left, Center, Right, Left Surround, Right
Surround
and
Subwoofer)
are
provided.
Alternatively the multi-channel mode can be
configured to provide single data line multi-
channel support. Please consult the Hardware
User’s Guide and the application code user’s
Pin Name
Pin Description
Pin Number
AUDAT2
Serial Data In
39
AUDAT1
Serial Data In
40
AUDAT0
Serial Data In
41
LRCLK
Frame Clock
42
SCLK
Serial Bit Clock
43
MCLK
Master Clock
44
XMT958
IEC60958 Transmitter
3
Table 12. Digital Audio Output Port
MCLK
(Fs)
SCLK (Fs)
32
48
64
128
256
512
128
X
X
384**
X
X
X
256
X
X
X
X
512
X
XXXX
** For MCLK as an input only
Table 13. MCLK/SCLK Master Mode Ratios



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com