Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5321 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS5321
Description  24-Bit Variable Bandwidth A/D Converter Chipset
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5321 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS5321 Datasheet HTML 6Page - Cirrus Logic CS5321 Datasheet HTML 7Page - Cirrus Logic CS5321 Datasheet HTML 8Page - Cirrus Logic CS5321 Datasheet HTML 9Page - Cirrus Logic CS5321 Datasheet HTML 10Page - Cirrus Logic CS5321 Datasheet HTML 11Page - Cirrus Logic CS5321 Datasheet HTML 12Page - Cirrus Logic CS5321 Datasheet HTML 13Page - Cirrus Logic CS5321 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
CS5320/21/22
10
DS454PP1
CS5322 POWER SUPPLY (T
A = (See Note 1); VD+ = 5V; CLKIN = 1.024 MHz)
CS5322 SWITCHING CHARACTERISTICS (T
A = (See Note 1); VD+ = 5V ± 5%; DGND = 0V;
Inputs: Logic 0 = 0V Logic 1 = VD+; CL = 50 pF (Note 23)
23. Guaranteed by design, characterization and/or test.
Parameter
CS5322-K
CS5322-B
Min
Typ
Max
Min
Typ
Max
Unit
Power Supply Current:
ID+
(Note 11)
-
2.2
4
-
2.2
4
mA
Power Dissipation:
(Note 11)
PWDN Low
PWDN High
-
-
11
0.6
20
2.5
-
-
11
0.6
20
2.5
mW
mW
Parameter
Symbol
Min
Typ
Max
Units
CLKIN Frequency
fc
0.512
1.024
1.2
MHz
CLKIN Duty Cycle
40
-
60
%
Rise Times:
Any Digital Input
Any Digital Output
trise
-
-
-
50
100
100
ns
ns
Fall Times:
Any Digital Input
Any Digital Output
tfall
-
-
-
50
100
100
ns
ns
Serial Port Read Timing
DRDY to Data Valid
tddv
-
-
25
ns
RSEL Setup Time before Data Valid
trss
50
-
-
ns
Read Setup before CS Active
trsc
20
-
-
ns
Read Active to Data Valid
trdv
-
-
50
ns
SCLK rising to New SOD bit
trdd
-
-
50
ns
SCLK Pulse Width High
trph
30
-
-
ns
SCLK Pulse Width Low
trpl
30
-
-
ns
SCLK Period
trsp
100
-
-
ns
SCLK falling to DRDY falling
trst
-
-
50
ns
CS High to Output Hi-Z
trch
-
-
20
ns
Read Hold Time after CS Inactive
trhc
20
-
-
ns
Read Select Setup to SCLK falling
trds
20
-
-
ns
Serial Port Write Timing
Write Setup Before CS Active
twsc
20
-
-
ns
SCLK Pulse Width Low
twpl
30
-
-
ns
SCLK Pulse Width High
twph
30
-
-
ns
SCLK Period
twsp
100
-
-
ns
Write Setup Time to First SCLK falling
twws
20
-
-
ns
Data Setup Time to First SCLK falling
twds
20
-
-
ns
Write Select Hold Time after SCLK falling
twwh
20
-
-
ns
Write Hold Time after CS Inactive
twhc
20
-
-
ns
Data Hold Time after SCLK falling
twdh
20
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com