Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5321 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS5321
Description  24-Bit Variable Bandwidth A/D Converter Chipset
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5321 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS5321 Datasheet HTML 11Page - Cirrus Logic CS5321 Datasheet HTML 12Page - Cirrus Logic CS5321 Datasheet HTML 13Page - Cirrus Logic CS5321 Datasheet HTML 14Page - Cirrus Logic CS5321 Datasheet HTML 15Page - Cirrus Logic CS5321 Datasheet HTML 16Page - Cirrus Logic CS5321 Datasheet HTML 17Page - Cirrus Logic CS5321 Datasheet HTML 18Page - Cirrus Logic CS5321 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
CS5320/21/22
DS454PP1
15
CS5322 DIGITAL CHARACTERISTICS (T
A = (See Note 1); VD+ = 5.0V ± 5%; GND = 0V;
measurements performed under static conditions)
Notes: 27. Device is intended to be driven with CMOS logic levels.
28. Device is intended to be interfaced to CMOS logic. Resistive loads are not recommended on these pins.
CS5322 RECOMMENDED OPERATION CONDITIONS (Voltages with respect to GND = 0V)
Notes: 29. The maximum voltage differential between the Positive Supply of the CS5320/21 and the Positive
Digital Supply of the CS5322 must be less than 0.25V.
CS5322 ABSOLUTE MAXIMUM RATINGS * (Voltages with respect to GND = 0V)
Notes: 30. Transient currents of up to 100 mA will not cause SCR latch up.
*WARNING: Operation beyond these limits may result in permanent damage to the device. Normal operation is
not guaranteed at these extremes.
Parameter
Symbol
Min
Typ
Max
Units
High-Level Input Drive Voltage
VIH
(VD+)-0.3
-
-
V
Low-Level Input Drive Voltage
VIL
--
0.3
V
High-Level Input Threshold
(Note 27)
(VD+)-1.0
-
-
V
Low-Level Input Threshold
(Note 27)
-
-
1.0
V
High-Level Output Voltage IOUT = -40
µA
(Note 28)
VOH
(VD+)-0.6
-
-
V
Low-Level Output Voltage IOUT = +1.6 mA
(Note 28)
VOL
--
0.4
V
Input Leakage Current
All pins except MFLG, SOD
ILKG
--
±10
µA
Three-State Leakage Current
IOZ
--
±10
µA
Digital Input Capacitance
CIN
-9
-
pF
Digital Output Capacitance
COUT
-9
-
pF
Parameter
Symbol
Min
Typ
Max
Units
DC Supply:
(Note 29)
Positive
Negative
VD+
VD-
4.75
-4.75
5.0
-5.0
5.25
-5.25
V
V
Ambient Operating Temperature
-KL
-BL
TA
TA
0
-40
-
-
+70
+85
°C
°C
Parameter
Symbol
Min
Typ
Max
Units
DC Supply:
(Note 29)
Positive
Negative
VD+
VD-
-0.3
0.3
-
-
(VD+)+0.3
-6.0
V
V
Input Current, Any Pin Except Supplies
(Note 30)
Iin
--
±10
mA
Digital Input Voltage
VIND
-0.3
-
(VD+)+0.3
V
Storage Temperature
Tstg
-65
-
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com