Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5321 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS5321
Description  24-Bit Variable Bandwidth A/D Converter Chipset
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5321 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS5321 Datasheet HTML 25Page - Cirrus Logic CS5321 Datasheet HTML 26Page - Cirrus Logic CS5321 Datasheet HTML 27Page - Cirrus Logic CS5321 Datasheet HTML 28Page - Cirrus Logic CS5321 Datasheet HTML 29Page - Cirrus Logic CS5321 Datasheet HTML 30Page - Cirrus Logic CS5321 Datasheet HTML 31Page - Cirrus Logic CS5321 Datasheet HTML 32Page - Cirrus Logic CS5321 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
CS5320/21/22
DS454PP1
29
3. CS5320/21 PIN DESCRIPTIONS
Power Supplies
Vdd1 – Positive Power One, PIN 2
Positive supply voltage. Nominally +5 Volts.
Vdd2 – Positive Power Two, PIN 22
Positive supply voltage. Nominally +5 Volts.
Vss1 – Negative Power One, PIN 3
Negative supply voltage. Nominally -5 Volts.
Vss2 – Negative Power Two, PIN 21
Negative supply voltage. Nominally -5 Volts.
GND1 through GND11 – Ground, PINS 1, 4, 7, 11, 12, 13, 14, 15, 16, 19, 23.
Ground reference.
Analog Inputs
AIN+ - Positive Analog Input, PIN 9
Nominally
± 4.5V
AIN- - Negative Analog Input, PIN 8
This pin is tied to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com