Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5321 Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS5321
Description  24-Bit Variable Bandwidth A/D Converter Chipset
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5321 Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS5321 Datasheet HTML 22Page - Cirrus Logic CS5321 Datasheet HTML 23Page - Cirrus Logic CS5321 Datasheet HTML 24Page - Cirrus Logic CS5321 Datasheet HTML 25Page - Cirrus Logic CS5321 Datasheet HTML 26Page - Cirrus Logic CS5321 Datasheet HTML 27Page - Cirrus Logic CS5321 Datasheet HTML 28Page - Cirrus Logic CS5321 Datasheet HTML 29Page - Cirrus Logic CS5321 Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
CS5320/21/22
26
DS454PP1
2.17 Status Bits
The Status Register is a 16-bit register which al-
lows the user to read the flags and configuration
settings of the CS5322. Table 3 documents the data
bits of the Status Register.
The ERROR flag, ERROR, is the OR’ed result of
OVERWRITE, MFLG, ACC1, and ACC2. The
ERROR bit is active high whenever any of the four
error bits are set due to a fault condition. The ER-
ROR output has a nominal 100 K
Ω internal pull-up
resistor.
The OVERWRITE bit is set when new conversion
data is ready to be loaded into the data register, but
the previous data was not completely read out. This
can occur on either of two conditions: a read oper-
ation is in progress or a read operation was started,
then aborted, and not completed. These two condi-
tions are data read attempts. The attempt is identi-
fied by the first SCLK low edge (MSB read) of a
data register read. If a data register read is not at-
tempted, the CS5322 assumes that data is not want-
ed and does not assert OVERWRITE, and the old
data is over-written by the new data. On an OVER-
WRITE condition, the old partially read data is pre-
served, and the new data word is lost.
Status reads have no effect on OVERWRITE assert
operations. The OVERWRITE bit is cleared on a
status register read or RESET.
The MFLG error bit reflects the CS5320/21 MFLG
signal. Any high level on the CS5322 MFLG pin
will set the MFLG status bit. The bit is cleared on a
status register read or RESET operation, only if the
MFLG pin on the CS5322 has returned low. A in-
ternal nominal 100 K
Ω pulldown resistor is on the
MFLG pin.
The accumulator error bits, ACC1 and ACC2, indi-
cate that an underflow or overflow has occurred in
the FIR1 filter for ACC1, or the FIR2 and FIR3 fil-
ters for ACC2. Both errors are cleared on a status
read, provided the error conditions are no longer
Output Bit #
Function
Description
1 (MSB)
Error
Detects one of the errors below
2
OVERWRITE Error
Overwrite Error
3
MFLG Error
Modulator Flag Error
4
ACC1 Error
Accumulator 1 Error
5
ACC2 Error
Accumulator Error
6
DRDY
Data Ready
7
1SYNC
First sample after SYNC
8
ORCALD
Offset calibration done
9
PWDN
Standby mode
10
ORCAL
Self-offset Calibration
11
USEOR
Use Offset Register
12
CSEL
Channel Select
13
Reserved
Factory use only
14
DECC
Bandwidth Selection Status
15
DECB
Bandwidth Selection Status
16
DECA
Bandwidth Selection Status
Table 3. Status Data (from the SOD Pin)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com