Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5322 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS5322
Description  24-Bit Variable Bandwidth A/D Converter Chipset
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5322 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS5322 Datasheet HTML 3Page - Cirrus Logic CS5322 Datasheet HTML 4Page - Cirrus Logic CS5322 Datasheet HTML 5Page - Cirrus Logic CS5322 Datasheet HTML 6Page - Cirrus Logic CS5322 Datasheet HTML 7Page - Cirrus Logic CS5322 Datasheet HTML 8Page - Cirrus Logic CS5322 Datasheet HTML 9Page - Cirrus Logic CS5322 Datasheet HTML 10Page - Cirrus Logic CS5322 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
CS5320/21/22
DS454PP1
7
CS5320 AND CS5321 DIGITAL CHARACTERISTICS (T
A = (See Note 1); Vdd1 = Vdd2 =
5.0V
± 5%; GND = 0V; measurements performed under static conditions)
Notes: 18. Device is intended to be driven with CMOS logic levels.
19. Device is intended to be interfaced to CMOS logic. Resistive loads are not recommended on these pins.
CS5320 AND CS5321 RECOMMENDED OPERATION CONDITIONS (Voltages with
respect to GND = 0V, See Note 20)
Notes: 20. The maximum voltage differential between the Positive Supply of the CS5320/21 and the Positive
Digital Supply of the CS5322 must be less than 0.25V.
CS5320 AND CS5321 ABSOLUTE MAXIMUM RATINGS * (Voltages with respect to
GND = 0V)
Notes: 21. Transient currents of up to 100 mA will not cause SCR latch up.
*WARNING: Operation beyond these limits may result in permanent damage to the device. Normal operation is
not guaranteed at these extremes.
Parameter
Symbol
Min
Typ
Max
Units
High-Level Input Drive Voltage
(Note 18)
VIH
(Vdd)-0.6
-
-
V
Low-Level Input Drive Voltage
(Note 18)
VIL
--
1.0
V
High-Level Output Voltage IOUT = -40 µA
(Note 19)
VOH
(Vdd)-0.3
-
-
V
Low-Level Output Voltage IOUT = +40 µA
(Note 19)
VOL
--
0.3
V
Input Leakage Current
ILKG
--
±10
µA
Digital Input Capacitance
CIN
-9
-
pF
Digital Output Capacitance
COUT
-9
-
pF
Parameter
Symbol
Min
Typ
Max
Units
DC Supply:
Positive
Negative
Vdd1,Vdd2
Vss1,Vss2
4.75
-4.75
5.0
-5.0
5.25
-5.25
V
V
Ambient Operating Temperature
-KL
-BL
TA
TA
0
-55
-
-
+70
+85
°C
°C
Parameter
Symbol
Min
Max
Units
DC Supply:
Positive
Negative
Vdd1,Vdd2
Vss1,Vss2
-0.3
+0.3
6.0
-6.0
V
V
Input Current, Any Pin Except Supplies
(Note 21)
Iin
-
±10
mA
Output Current
Iout
-25
mA
Total Power (all supplies and outputs)
Pt
-1
W
Digital Input Voltage
VIND
-0.3
(Vdd)+0.3
V
Storage Temperature
Tstg
-65
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com