Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5322 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS5322
Description  24-Bit Variable Bandwidth A/D Converter Chipset
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5322 Datasheet(HTML) 1 Page - Cirrus Logic

  CS5322 Datasheet HTML 1Page - Cirrus Logic CS5322 Datasheet HTML 2Page - Cirrus Logic CS5322 Datasheet HTML 3Page - Cirrus Logic CS5322 Datasheet HTML 4Page - Cirrus Logic CS5322 Datasheet HTML 5Page - Cirrus Logic CS5322 Datasheet HTML 6Page - Cirrus Logic CS5322 Datasheet HTML 7Page - Cirrus Logic CS5322 Datasheet HTML 8Page - Cirrus Logic CS5322 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
1
Copyright
© Cirrus Logic, Inc. 1999
(All Rights Reserved)
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.cirrus.com
CS5320/21/22
24-Bit Variable Bandwidth A/D Converter Chipset
Features
l CMOS A/D Converter Chipset
l Dynamic Range
- 130 dB @ 25 Hz Bandwidth
- 121 dB @ 411 Hz Bandwidth
l Delta-Sigma Architecture
- Fourth-Order Modulator
- Variable Oversampling: 64X to 4096X
- Internal Track-and-Hold Amplifier
l CS5321 Signal-to-Distortion: 115 dB
l Clock Jitter Tolerant Architecture
l Input Voltage Range: +4.5 V
l Flexible Filter Chip
- Hardware or Software Selectable Options
- Seven Selectable Filter Corners (-3 dB)
Frequencies: 25, 51, 102, 205, 411, 824 and
1650 Hz
l Low Power Dissipation: <100 mW
Description
The CK5320 and CK5321 Chipsets function as a unique
A/D converter intended for very high resolution measure-
ment of signals below 1500 Hz. The CK5320 Chipset is
a cost effective commercial grade solution for applica-
tions which require a high dynamic range A/D converter.
The chipsets perform sampling, A/D conversion, and
anti-alias filtering.
The CS5320 and CS5321 use Delta-Sigma modulation
to produce highly accurate conversions. The
∆Σ modula-
tor oversamples, virtually eliminating the need for
external analog anti-alias filters. The CS5322 linear-
phase FIR digital filter decimates the output to any one
of seven selectable update periods: 16, 8, 4, 2, 1, 0.5
and 0.25 milliseconds. Data is output from the digital fil-
ter in a 24-bit serial format.
ORDERING INFORMATION*
* Refer to Table 5
Chip Sets
Kits
CS5320-KL & CS5322-KL CK5320-KL1
CS5321-BL & CS5322-KL CK5321-KL1
CS5321-BL & CS5322-BL CK5321-BL1
RSEL
Vdd1
AINR
AIN+
AIN-
Vss1
AGND
Analog
Modulator
MDATA
MCLK
MFLG
RESET
R/W
H/S
SCLK
SID
SOD
ERROR
DRDY
ORCAL
DECA
DECB
DECC
CS
CLKIN
SYNC
VD+
TDATA
PWDN
USEOR
DGND
VD+
DGND
CSEL
Digital
Filter
CS5320/21
CS5322
Vss2
DGND
Vdd2
LPWR
OFST
MDATA
HBR
MSYNC
VREF+
VREF-
OCT ‘99
DS454PP1


Similar Part No. - CS5322

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5322 ONSEMI-CS5322 Datasheet
406Kb / 21P
Two?뭁hase Buck Controller with Integrated Gate Drivers and 5?묪it DAC
July, 2006 ??Rev. 7
logo
Cirrus Logic
CS5322-BL CIRRUS-CS5322-BL Datasheet
653Kb / 36P
24-bit, Variable-bandwidth A/D Converter Chipset
CS5322-BL CIRRUS-CS5322-BL Datasheet
672Kb / 36P
24-bit, Variable-bandwidth A/D Converter Chipset
CS5322-BLZ CIRRUS-CS5322-BLZ Datasheet
653Kb / 36P
24-bit, Variable-bandwidth A/D Converter Chipset
CS5322-BLZ CIRRUS-CS5322-BLZ Datasheet
672Kb / 36P
24-bit, Variable-bandwidth A/D Converter Chipset
More results

Similar Description - CS5322

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4390 CIRRUS-CS4390 Datasheet
629Kb / 22P
24-Bit, Stereo D/A Converter for Digital Audio
CS5333 CIRRUS-CS5333 Datasheet
375Kb / 20P
24-Bit, 96 kHz Stereo A/D Converter?
logo
Burr-Brown (TI)
ADS1271 BURR-BROWN-ADS1271 Datasheet
381Kb / 29P
24 BIT WIDE BANDWIDTH ANALOG TO DIGITAL CONVERTER
logo
Holtek Semiconductor In...
HT82V738 HOLTEK-HT82V738 Datasheet
120Kb / 9P
24-Bit Stereo Audio D/A Converter
October 16, 2003
logo
Cirrus Logic
CS5321 CIRRUS-CS5321 Datasheet
653Kb / 36P
24-bit, Variable-bandwidth A/D Converter Chipset
CS5321 CIRRUS-CS5321_06 Datasheet
672Kb / 36P
24-bit, Variable-bandwidth A/D Converter Chipset
logo
Elite Semiconductor Mem...
AD12250A ESMT-AD12250A Datasheet
132Kb / 3P
24 bit, 96 kHz Stereo A/D Converter
logo
Texas Instruments
ADS1271IBPW TI1-ADS1271IBPW Datasheet
793Kb / 38P
24-Bit, Wide Bandwidth Analog-to-Dogotal Converter
ADS1271 TI1-ADS1271_14 Datasheet
794Kb / 39P
24-bit, Wide Bandwidth Analog-to-Digital Converter
logo
Jiaxing Heroic Technolo...
HT5010 HEROIC-HT5010 Datasheet
586Kb / 4P
24-Bit, 192kHz Stereo D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com