Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5322 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS5322
Description  24-Bit Variable Bandwidth A/D Converter Chipset
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5322 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS5322 Datasheet HTML 14Page - Cirrus Logic CS5322 Datasheet HTML 15Page - Cirrus Logic CS5322 Datasheet HTML 16Page - Cirrus Logic CS5322 Datasheet HTML 17Page - Cirrus Logic CS5322 Datasheet HTML 18Page - Cirrus Logic CS5322 Datasheet HTML 19Page - Cirrus Logic CS5322 Datasheet HTML 20Page - Cirrus Logic CS5322 Datasheet HTML 21Page - Cirrus Logic CS5322 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
CS5320/21/22
18
DS454PP1
2.1 Analog Input
The CS5320 and CS5321 modulators use a
switched capacitor architecture for its signal and
voltage reference inputs. The signal input uses three
pins; AINR, AIN+, and AIN-. The AIN- pin acts as
the return pin for the AINR and AIN+ pins. The
AINR pin is a switched capacitor "rough charge" in-
put for the AIN+ pin. The input impedance for the
rough charge pin (AINR) is 1/fC where f is two
times the modulator sampling clock rate and C is
the internal sampling capacitor (about 40 pF). Us-
ing a 1.024 MHz master clock (HBR = 1) yields an
input impedance of about 1/(512 kHz)X(40 pF) or
about 50 k
Ω. Internal to the chip the rough charge
input pre-charges the sampling capacitor used on
the AIN+ input, therefore the effective input imped-
ance on the AIN+ pin is orders of magnitude above
the impedance seen on the AINR pin.
The analog input structure inside the VREF+ pin is
very similar to the AINR pin but includes addition-
al circuitry whose operating current can change
over temperature and from device to device. There-
fore, if gain accuracy is important, the VREF+ pin
should be driven from a low source impedance.
The current demand of the VREF+ pin will produce
a voltage drop of approximately 45 mV across the
200
Ω source resistor of Figure 20 and Figure 21
Option A with MCLK = 1.024 MHz, HBR = 1, and
temperature = 25
°C.
When the CS5320/21 modulator is operated with a
4.5 V reference it will accept a 9 V p-p input signal,
but modulator loop stability can be adversely af-
fected by high frequency out-of-band signals.
Therefore, input signals must be band-limited by an
input filter. The -3 dB corner of the input filter must
be equal to the modulator sampling clock divided
by 64. The modulator sampling clock is MCLK/4
when HBR = 1 or MCLK/8 when HBR = 0. With
MCLK = 1.024 MHz, HBR = 1, the modulator
sampling clock is 256 kHz which requires an input
filter with a -3 dB corner of 4 kHz. The bandlimit-
ing may be accomplished in an amplifier stage
ahead of the CS5320/21 modulator or with the RC
input filter at the AIN+ and AINR input pins. The
RC filter at the AIN+ and AINR pins is recom-
mended to reduce the "charge kick" that the driving
amplifier sees as the switched capacitor sampling is
performed.
Figure 20 illustrates the CS5320/21 and CS5322
system connections. The input components on
AINR and AIN+ should be identical values for op-
timum performance. In choosing the components
the capacitor should be a minimum of 0.1
µF (C0G
dielectric ceramic preferred). For minimum board
space, the RC components on the AINR input can
be removed, but this will force the driving amplifi-
er to source the full dynamic charging current of
the AINR input. This can increase distortion in the
driving amplifier and reduce system performance.
In choosing the RC filter components, increasing C
and minimizing R is preferred. Increasing C reduc-
es the instantaneous voltage change on the pin, but
may require paralleling capacitors to maintain
smaller size (the recommended 0.1
µF C0G ceram-
ic capacitor is larger than other similar-valued ca-
pacitors with different dielectrics). Larger resistor
values will increase the voltage drop across the re-
sistor as the recharging current charges the
switched capacitor input.
2.2 The OFST Pin
The CS5320/21 modulator can produce "idle
tones" which occur in the passband when the input
signal is steady state dc signal within about
±50 mV of bipolar zero. In the CS5320/21 these
tones are about 135 dB down from full scale. The
user can force these idle tones "out-of-band" by
adding 100 mV of dc offset to the signal at the AIN
input. Alternately, if the user circuitry has a low
offset voltage such that the input signal is within
±50 mV of bipolar zero when no AC signal is
present, the OFST pin on the CS5320/21 can be ac-
tivated. When OFST = 1, +100 mV of input re-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com