Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5322 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS5322
Description  24-Bit Variable Bandwidth A/D Converter Chipset
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5322 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS5322 Datasheet HTML 18Page - Cirrus Logic CS5322 Datasheet HTML 19Page - Cirrus Logic CS5322 Datasheet HTML 20Page - Cirrus Logic CS5322 Datasheet HTML 21Page - Cirrus Logic CS5322 Datasheet HTML 22Page - Cirrus Logic CS5322 Datasheet HTML 23Page - Cirrus Logic CS5322 Datasheet HTML 24Page - Cirrus Logic CS5322 Datasheet HTML 25Page - Cirrus Logic CS5322 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
CS5320/21/22
22
DS454PP1
2.8 Performance
Figure 22, 23 and 24 illustrate the spectral perfor-
mance of the CS5321/22 and CS5320/22 chipsets
when operating from a 1.024 MHz master clock.
Ten 1024 point FFTs were averaged to produce the
plots.
Figure 22 illustrates the chip set with a 100 Hz,
-20 dB input signal. The sample rate was set at 1
kHz. Dynamic range is 122 dB.
The dynamic range calculated by the test soft-ware
is reduced somewhat in Figures 23 and 24 because
of jitter in the signal test oscillator. Jitter in the
100 Hz signal source is interpreted by the signal
processing software to be increased noise.
The choice of master clock frequency will affect
performance. The CS5320/21 will exhibit the best
Signal/ Distortion performance with slower modu-
lator sampling clock rates as slower sample rates
allow more time for amplifier settling.
For lowest offset drift, the CS5320/21 should be
operated with MCLK = 1.024 MHz and HBR = 1.
Slower modulator sampling clock rates will exhibit
more offset drift. Changing MCLK to 512 kHz
(HBR = 1) or changing HBR to zero (MCLK =
1.024 MHz) will cause the drift rate to double. Off-
set drift is not linear over temperature so it is diffi-
cult to specify an exact drift rate. Offset drift
characteristics vary from part to part and will vary
as the power supply voltages vary. Therefore, if the
CS5320/21 is to be used in precision dc measure-
ment applications where offset drift is to be mini-
mized, the power supplies should be well
regulated. The CS5320/21 will exhibit about
6 ppm/°C of offset drift with MCLK = 1 and HBR
= 1.
Gain drift of the CS5320/21 itself is about
5 ppm/°C and is not affected by either modulator
sample rate or by power supply variation.
Figure 22. 1024 Point FFT Plot with -20 dB Input, 100
Hz Input, ten averages
Dynamic Range = 122.0 dB
HBR = 1
OFST = 0
LPWR = 0
0
500
0
-20
-40
-60
-80
-100
-120
-140
-160
-180
Figure 23. 1024 Point FFT Plot with Full Scale Input,
100 Hz Input, HBR = 1, ten averages
S/D = 116.0 dB
S/N = 118.4 dB
S/N+D = 114.2 dB
HBR = 1
OFST = 0
LPWR = 0
0
500
0
-20
-40
-60
-80
-100
-120
-140
-160
-180
see text
Figure 24. 1024 Point FFT Plot with Full Scale Input,
100 Hz Input, HBR = 0, ten averages
0
500
0
-20
-40
-60
-80
-100
-120
-140
-160
-180
S/D = 122.7 dB
S/N = 117.1 dB
S/N+D = 116.4 dB
HBR = 0
OFST = 0
LPWR = 0
see text



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com