Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IAD110PR Datasheet(PDF) 3 Page - Clare, Inc.

Part # IAD110PR
Description  Integrated Telecom Circuits
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

IAD110PR Datasheet(HTML) 3 Page - Clare, Inc.

  IAD110PR Datasheet HTML 1Page - Clare, Inc. IAD110PR Datasheet HTML 2Page - Clare, Inc. IAD110PR Datasheet HTML 3Page - Clare, Inc. IAD110PR Datasheet HTML 4Page - Clare, Inc. IAD110PR Datasheet HTML 5Page - Clare, Inc. IAD110PR Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IAD110P
Rev. 2
PERFORMANCE DATA*
The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.
3
IAD110P
Typical LED Forward Voltage Drop
(N=50 Ambient Temperature = 25
°C; IF = 5mADC)
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage Drop (V)
IAD110P
Typical On-Resistance Distribution
(N=50 Ambient Temperature = 25
°C)
(Load Current = 100mADC, IF = 5mADC)
35
30
25
20
15
10
5
0
19.85
22.05
24.25
18.75
20.95
23.15
25.35
On-Resistance (
Ω)
IAD110P
Typical Blocking Voltage Distribution
(N=50 Ambient Temperature = 25
°C)
35
30
25
20
15
10
5
0
377.5
399.5
421.5
443.5
388.5
410.5
432.5
Blocking Voltage (V)
IAD110P
Typical IF for Switch Operation
(N=50 Ambient Temperature = 25
°C)
(Load Current = 100mADC)
0.65
1.17
1.69
0.39
0.91
1.43
1.95
LED Current (mA)
25
20
15
10
5
0
IAD110P
Typical IF for Switch Dropout
(N=50 Ambient Temperature = 25
°C)
(Load Current = 100mADC)
25
20
15
10
5
0
0.65
1.17
1.69
0.39
0.91
1.43
1.95
LED Current (mA)
IAD110P
Typical Turn-On Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 100mADC; IF = 5mADC)
0.9
2.1
3.3
3.9
0.3
1.5
2.7
Turn-On (ms)
25
20
15
10
5
0
IAD110P
Typical Turn-Off Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 100mADC; IF = 5mADC)
0.55
0.35
0.15
0.45
0.65
0.25
0.05
Turn-Off (ms)
25
20
15
10
5
0
IAD110P
Typical Load Current vs. Temperature
Temperature (
°C)
180
160
140
120
100
80
60
40
20
0
-40
-20
0
20
40
60
80
120
100
20mA
10mA
5mA
IAD110P
Typical Leakage vs. Temperature
(Measured across Pins 14 & 16 or 11 & 13)
Temperature (
°C)
-40
0.016
0.014
0.012
0.010
0.008
0.006
0.004
0.002
0
-20
0
20
40
60
80
100
IAD110P
Typical Turn-On vs. Temperature
(Load Current = 100mADC)
Temperature (
°C)
5mA
10mA
20mA
-40
5.000
4.500
4.000
3.500
3.000
2.500
2.000
1.500
1.000
0.500
0
-20
0
20
40
60
80
100
IAD110P
Typical Turn-Off vs. Temperature
(Load Current = 100mADC)
Temperature (
°C)
-40
1.000
0.900
0.800
0.700
0.600
0.500
0.400
0.300
0.200
0.100
0
-20
0
20
40
60
80
100
5mA
IAD110P
Typical Blocking Voltage vs. Temperature
Temperature (
°C)
-40
430
425
420
415
410
405
400
395
-20
0
20
40
60
80
100



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com