Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IAD110PR Datasheet(PDF) 1 Page - Clare, Inc.

Part # IAD110PR
Description  Integrated Telecom Circuits
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

IAD110PR Datasheet(HTML) 1 Page - Clare, Inc.

  IAD110PR Datasheet HTML 1Page - Clare, Inc. IAD110PR Datasheet HTML 2Page - Clare, Inc. IAD110PR Datasheet HTML 3Page - Clare, Inc. IAD110PR Datasheet HTML 4Page - Clare, Inc. IAD110PR Datasheet HTML 5Page - Clare, Inc. IAD110PR Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
www.clare.com
IAD110P
DS-IAD110P-R2
The IAD110P Multifunction Telecom switch combines a
350V Form A relay and two optocouplers in a single pack-
age. The relay uses optically coupled MOSFET technolo-
gy to provide 1500V of input to output isolation. The
efficient MOSFET switch and photovoltaic die uses
Clare’s patented OptoMOS architecture. The optically
coupled input uses highly efficient GaAIAs infrared LEDs.
IAD110P’s allow telecom circuit designers to combine
three discrete functions in a single component. The
IAD110P’s small package uses less space than tradition-
al discrete component solutions.
• Telecommunications
• Telecom Switching
• Tip/Ring Circuits
• Modem Switching (Laptop, Notebook, Pocket Size)
• Hookswitch
• Dial Pulsing
• Ground Start
• Ringer Injection
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment-Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls
• UL Recognized: File Number E76270
• CSA Certified: File Number LR 43639-12
• VDE Compatible
• BSI Certified:
• BS EN 60950:1992 (BS7002:1992)
Certificate #:7969
• BS EN 41003:1993
Certificate #:7969
• Three Functions in One Package
• Small 16 Pin SOIC Package (PCMCIA Compatible)
• Bi-Directional Current Sensing
• Bi-Directional Current Switching
• Replaces up to Three or Four Components
• 3750V
RMS Input/Output Isolation
• FCC Compatible
• No EMI/RFI Generation
• Machine Insertable, Wave Solderable
• Tape & Reel Versions Available
Applications
Features
Description
Approvals
Integrated Telecom Circuits
Ordering Information
Part #
Description
IAD110P
16 Pin SOIC (50/Tube)
IAD110PR
16 Pin SOIC (1000/Reel)
IAD110P
Units
Load Voltage
350
V
Load Current
100
mA
Max R
ON
35
Ω
Pin Configuration
Switching Characteristics of
Normally Closed (Form B) Devices
CONTROL
10ms
10%
90%
90%
+
+
TON
TOFF
+
Switching Characteristics of
Normally Open (Form A) Devices
CONTROL
LOAD
10ms
10%
10%
90%
+
TON
TOFF
+
+
1
2
3
4
16
15
14
13
5
6
7
8
12
11
10
9
IAD110 Pinout
1. (N/C)
2. + LED - Relay Input
3. – LED - Relay Input
4. Emitter - Phototransistor #1
5. Collector - Phototransistor #1
6. Emitter - Phototransistor #2
7. Collector - Phototransistor #2
8. (N/C)
9. LED - Phototransistor +/– #2
10. LED - Phototransistor –/+ #2
11. LED - Phototransistor +/– #1
12. LED - Phototransistor –/+ #1
13. (N/C)
14. Output - Relay
15. Common - Relay
16. Output - Relay
(N/C)
(N/C)
(Form A)
(N/C)


Similar Part No. - IAD110PR

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IAD110P IXYS-IAD110P Datasheet
122Kb / 7P
Integrated Telecom Circuits
IAD110PTR IXYS-IAD110PTR Datasheet
122Kb / 7P
Integrated Telecom Circuits
IAD110P IXYS-IAD110P_12 Datasheet
122Kb / 7P
Integrated Telecom Circuits
More results

Similar Description - IAD110PR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
IAB110P CLARE-IAB110P Datasheet
405Kb / 7P
Integrated Telecom Circuits
IAD112N CLARE-IAD112N Datasheet
375Kb / 4P
Integrated Telecom Circuits
IBB110P CLARE-IBB110P Datasheet
383Kb / 6P
Integrated Telecom Circuits
ITC117P CLARE-ITC117P Datasheet
421Kb / 8P
Integrated Telecom Circuits
ITC135P CLARE-ITC135P Datasheet
415Kb / 8P
Integrated Telecom Circuits
ITC137P CLARE-ITC137P Datasheet
450Kb / 8P
Integrated Telecom Circuits
IAA110P CLARE-IAA110P_1 Datasheet
215Kb / 5P
Integrated Telecom Circuits
logo
IXYS Corporation
IBB110P IXYS-IBB110P_12 Datasheet
123Kb / 7P
Integrated Telecom Circuits
ITC117PL IXYS-ITC117PL Datasheet
134Kb / 8P
Integrated Telecom Circuits
ITC137P IXYS-ITC137P_12 Datasheet
142Kb / 8P
Integrated Telecom Circuits
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com