Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IAD110PR Datasheet(PDF) 4 Page - Clare, Inc.

Part # IAD110PR
Description  Integrated Telecom Circuits
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

IAD110PR Datasheet(HTML) 4 Page - Clare, Inc.

  IAD110PR Datasheet HTML 1Page - Clare, Inc. IAD110PR Datasheet HTML 2Page - Clare, Inc. IAD110PR Datasheet HTML 3Page - Clare, Inc. IAD110PR Datasheet HTML 4Page - Clare, Inc. IAD110PR Datasheet HTML 5Page - Clare, Inc. IAD110PR Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.clare.com
4
IAD110P
Rev. 2
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.
IAD110P
Typical LED Forward Voltage Drop
vs. Temperature
Temperature (
°C)
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
50mA
30mA
20mA
10mA
5mA
IAD110P
Typical Turn-On vs. LED Forward Current
(Load Current = 100mADC)
LED Forward Current (mA)
0
5
1015202530354045
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
50
IAD110P
Typical Turn-Off vs. LED Forward Current
(Load Current = 100mADC)
Forward Current (mA)
0
5
1015202530354045
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
50
IAD110P
Typical On-Resistance vs. Temperature
(Load Current = 100mADC; IF = 5mA)
Temperature (
°C)
-40
60
50
40
30
20
10
0
-20
0
20
40
60
80
100
IAD110P
Typical IF for Switch Operation vs. Temperature
(Load Current = 100mADC)
Temperature (
°C)
-40
3.000
2.500
2.000
1.500
1.000
0.500
0
-20
0
20
40
60
80
100
IAD110P
Typical Load Current vs. Load Voltage
(Ambient Temperature = 25
°C; IF = 5mADC)
Load Voltage (V)
100
80
60
40
20
0
-20
-40
-60
-80
-100
-2.5 -2
-1 -0.5
-1.5
0
1
1.5
0.5
2
2.5
IAD110P
Energy Rating Curve
Time
10
µs
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
1ms
100
µs
100ms
1s
10ms
10s
100s
IAD110P
Typical Normalized CTR vs. Forward Current
(VCE = 0.8V)
IF (mA)
0
2
4
6
8
10
12
14
16
18
2.5
2.0
1.5
1.0
0.5
0
20
IAD110P
Typical Collector Current vs. Forward Current
(VCE = 0.8V)
IF (mA)
0
2468
12
10
14
16
18
20
16
14
12
10
8
6
4
2
0
IAD110P
Typical Normalized CTR vs. Temperature
(VCE = 0.8V)
Temperature (
°C)
-40
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
1mA
2mA
5mA
10mA
15mA
20mA
IAD110P
Typical IF for Switch Dropout vs. Temperature
(Load Current = 100mADC)
Temperature (
°C)
-40
3.000
2.500
2.000
1.500
1.000
0.500
0
-20
0
20
40
60
80
100



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com