Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IAD110PR Datasheet(PDF) 5 Page - Clare, Inc.

Part # IAD110PR
Description  Integrated Telecom Circuits
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

IAD110PR Datasheet(HTML) 5 Page - Clare, Inc.

  IAD110PR Datasheet HTML 1Page - Clare, Inc. IAD110PR Datasheet HTML 2Page - Clare, Inc. IAD110PR Datasheet HTML 3Page - Clare, Inc. IAD110PR Datasheet HTML 4Page - Clare, Inc. IAD110PR Datasheet HTML 5Page - Clare, Inc. IAD110PR Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
IAD110P
5
Rev. 2
Dimensions
mm
(inches)
Mechanical Dimensions
7.493
± .051
(.295
± .002)
7.493
± .127
(.295
± .005)
.254
(.010)
1.270 TYP.
(.050)
2.108 MAX.
(.083)
1.981 TYP.
(.078)
1.016
(.040)
10.363
± .127
(.408
± .005)
8.890 TYP.
(.350)
.406 TYP.
(.016)
10.160
± .051
(.400
± .002)
16 Pin SOIC (“P” Suffix)
PC Board Pattern
(Top View)
1.193
(.047)
9.728
± .051
(.383
± .002)
.787
(.031)
1.270
(.050)
Tape and Reel Packaging for 16 Pin SOIC Package
7.493
± .102
(.295
± .004)
12.090
(.476)
1.753
± .102
(.069
± .004)
3.987
± .102
(.157
± .004)
1.498
± .102
(.059
± .004)
6.731 MAX.
(.265)
.406 MAX.
(.016)
3.175
(.125)
Top Cover
Tape
2.007
± .102
(.079
± .004)
11.989
± .102
(.472
± .004)
User Direction of Feed
.050R TYP.
16.002
± .305
(.630
± .012)
10.693
± .025
(.421
± .001)
Embossment
Embossed Carrier
Top Cover
Tape Thickness
.102 MAX.
(.004)
10.897
± .025
(.429
± .001)
1.549
± .102
(.061
± .004)
330.2 DIA.
(13.00)
116



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com