Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C0430V Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # CY7C0430V
Description  3.3V 64K x 18 Synchronous QuadPort??Static RAM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C0430V Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button CY7C0430V Datasheet HTML 17Page - Cypress Semiconductor CY7C0430V Datasheet HTML 18Page - Cypress Semiconductor CY7C0430V Datasheet HTML 19Page - Cypress Semiconductor CY7C0430V Datasheet HTML 20Page - Cypress Semiconductor CY7C0430V Datasheet HTML 21Page - Cypress Semiconductor CY7C0430V Datasheet HTML 22Page - Cypress Semiconductor CY7C0430V Datasheet HTML 23Page - Cypress Semiconductor CY7C0430V Datasheet HTML 24Page - Cypress Semiconductor CY7C0430V Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
CY7C0430V
PRELIMINARY
21
Table 1. Read/Write and Enable Operation (Any Port)[40, 41, 42]
Inputs
Outputs
OE
CLK
CE0
CE1
R/W
I/O0–I/O17
Operation
X
H
X
X
High-Z
Deselected
X
X
L
X
High-Z
Deselected
X
L
H
L
DIN
Write
L
L
H
H
DOUT
Read
H
X
L
H
X
High-Z
Outputs Disabled
Table 2. Address Counter and Counter-Mask Register Control Operation (Any Port)[40, 43, 44]
CLK MRST CNTRST MKLD CNTLD CNTINC CNTRD MKRD
Mode
Operation
X
L
X
X
X
X
X
X
Master-
Reset
Counter/Address Register Reset and Mask
Register Set (resets entire chip as per reset
state table)
H
L
X
X
X
X
X
Reset
Counter/Address Register Reset
H
H
L
X
X
X
X
Load
Load of Address Lines into Mask Register
H
H
H
L
X
X
X
Load
Load of Address Lines into Counter/Address
Register
H
H
H
H
L
X
X
Incre-
ment
Counter Increment
H
H
H
H
H
L
X
Read-
back
Readback Counter on Address Lines
H
H
H
H
H
H
L
Read-
back
Readback Mask Register on Address Lines
H
H
H
H
H
H
H
Hold
Counter Hold
Notes:
40. “X” = “don’t care,” “H” = VIH, “L” = VIL.
41. OE is an asynchronous input signal.
42. When CE changes state, deselection and read happen after one cycle of latency.
43. CE0 = OE = VIL; CE1 = R/W = VIH.
44. Counter operation and mask register operation is independent of Chip Enables.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com