Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C0430V Datasheet(PDF) 33 Page - Cypress Semiconductor

Part # CY7C0430V
Description  3.3V 64K x 18 Synchronous QuadPort??Static RAM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C0430V Datasheet(HTML) 33 Page - Cypress Semiconductor

Back Button CY7C0430V Datasheet HTML 28Page - Cypress Semiconductor CY7C0430V Datasheet HTML 29Page - Cypress Semiconductor CY7C0430V Datasheet HTML 30Page - Cypress Semiconductor CY7C0430V Datasheet HTML 31Page - Cypress Semiconductor CY7C0430V Datasheet HTML 32Page - Cypress Semiconductor CY7C0430V Datasheet HTML 33Page - Cypress Semiconductor CY7C0430V Datasheet HTML 34Page - Cypress Semiconductor CY7C0430V Datasheet HTML 35Page - Cypress Semiconductor CY7C0430V Datasheet HTML 36Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
CY7C0430V
PRELIMINARY
33
Table 9. Boundary Scan Order
Cell #
Signal Name
Bump (Ball) ID
2
A0_P4
K20
4
A1_P4
J19
6
A2_P4
J18
8
A3_P4
H20
10
A4_P4
H19
12
A5_P4
G19
14
A6_P4
G18
16
A7_P4
F20
18
A8_P4
F19
20
A9_P4
F18
22
A10_P4
E20
24
A11_P4
E19
26
A12_P4
D19
28
A13_P4
D18
30
A14_P4
C20
32
A15_P4
C19
34
CNTINT_P4
F17
36
CNTRST_P4
K18
38
MKLD_P4
H18
40
CNTLD_P4
H17
42
CNTINC_P4
G17
44
CNTRD_P4
E17
46
MKRD_P4
E18
48
LB_P4
A20
50
UB_P4
B19
52
OE_P4
D17
54
R/W_P4
C16
56
CE1_P4
C18
58
CE0_P4
C17
60
INT_P4
K19
62
CLK_P4
K17
64
A0_P3
L20
66
A1_P3
M19
68
A2_P3
M18
70
A3_P3
N20
72
A4_P3
N19
74
A5_P3
P19
76
A6_P3
P18
78
A7_P3
R20
80
A8_P3
R19
82
A9_P3
R18
84
A10_P3
T20
86
A11_P3
T19
88
A12_P3
U19
90
A13_P3
U18
92
A14_P3
V20
94
A15_P3
V19
96
CNTINT_P3
R17
98
CNTRST_P3
L18
100
MKLD_P3
N18
102
CNTLD_P3
N17
104
CNTINC_P3
P17
106
CNTRD_P3
T17
108
MKRD_P3
T18
110
LB_P3
Y20
112
UB_P3
W19
114
OE_P3
U17
116
R/W_P3
V16
118
CE1_P3
V18
120
CE0_P3
V17
122
INT_P3
L19
124
CLK_P3
M17
126
IO0_P4
Y15
128
IO1_P4
W15
130
IO2_P4
Y16
132
IO3_P4
W16
134
IO4_P4
Y17
136
IO5_P4
W17
138
IO6_P4
Y18
140
IO7_P4
W18
142
IO8_P4
Y19
144
IO0_P3
V12
146
IO1_P3
Y11
148
IO2_P3
W12
150
IO3_P3
Y12
152
IO4_P3
W13
154
IO5_P3
Y13
156
IO6_P3
V15
158
IO7_P3
Y14
160
IO8_P3
W14
162
IO0_P1
Y6
164
IO1_P1
W6
Table 9. Boundary Scan Order (continued)
Cell #
Signal Name
Bump (Ball) ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com