Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C0430V Datasheet(PDF) 35 Page - Cypress Semiconductor

Part # CY7C0430V
Description  3.3V 64K x 18 Synchronous QuadPort??Static RAM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C0430V Datasheet(HTML) 35 Page - Cypress Semiconductor

Back Button CY7C0430V Datasheet HTML 28Page - Cypress Semiconductor CY7C0430V Datasheet HTML 29Page - Cypress Semiconductor CY7C0430V Datasheet HTML 30Page - Cypress Semiconductor CY7C0430V Datasheet HTML 31Page - Cypress Semiconductor CY7C0430V Datasheet HTML 32Page - Cypress Semiconductor CY7C0430V Datasheet HTML 33Page - Cypress Semiconductor CY7C0430V Datasheet HTML 34Page - Cypress Semiconductor CY7C0430V Datasheet HTML 35Page - Cypress Semiconductor CY7C0430V Datasheet HTML 36Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
CY7C0430V
PRELIMINARY
35
330
IO13_P2
A4
332
IO14_P2
B4
334
IO15_P2
A3
336
IO16_P2
B3
338
IO17_P2
A2
340
IO9_P1
C9
342
IO10_P1
A10
344
IO11_P1
B9
346
IO12_P1
A9
348
IO13_P1
B8
350
IO14_P1
A8
352
IO15_P1
C6
354
IO16_P1
A7
356
IO17_P1
B7
358
IO9_P3
A15
360
IO10_P3
B15
362
IO11_P3
A16
364
IO12_P3
B16
366
IO13_P3
A17
368
IO14_P3
B17
370
IO15_P3
A18
372
IO16_P3
B18
374
IO17_P3
A19
376
IO9_P4
C12
378
IO10_P4
A11
380
IO11_P4
B12
382
IO12_P4
A12
384
IO13_P4
B13
386
IO14_P4
A13
388
IO15_P4
C15
390
IO16_P4
A14
392
IO17_P4
B14
Table 9. Boundary Scan Order (continued)
Cell #
Signal Name
Bump (Ball) ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com