Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C0430V Datasheet(PDF) 32 Page - Cypress Semiconductor

Part # CY7C0430V
Description  3.3V 64K x 18 Synchronous QuadPort??Static RAM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C0430V Datasheet(HTML) 32 Page - Cypress Semiconductor

Back Button CY7C0430V Datasheet HTML 28Page - Cypress Semiconductor CY7C0430V Datasheet HTML 29Page - Cypress Semiconductor CY7C0430V Datasheet HTML 30Page - Cypress Semiconductor CY7C0430V Datasheet HTML 31Page - Cypress Semiconductor CY7C0430V Datasheet HTML 32Page - Cypress Semiconductor CY7C0430V Datasheet HTML 33Page - Cypress Semiconductor CY7C0430V Datasheet HTML 34Page - Cypress Semiconductor CY7C0430V Datasheet HTML 35Page - Cypress Semiconductor CY7C0430V Datasheet HTML 36Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
CY7C0430V
PRELIMINARY
32
001101
mar2_0_upcnt
Up count M2A_r1w0r0.
001111
mar2_1_downcnt
Down count M2A_r0w1r1.
001110
mar2_0_downcnt
Down count M2A_r1w0r0.
001010
mar2_read
Read all 0s.
001011
chkr_w
Port 1 writes topological checkerboard data to memory.
001001
chkr_r
All ports read topological checkerboard data.
001000
n_chkr_w
Port 1 write inverse topological checkerboard data.
011000
n_chkr_r
All ports read inverse topological checkerboard data.
011001
uaddr_zeros2
Port 2 write all zeros to memory using Unique Address Algorithm (UAA).
011011
uaddr_write2
Port 2 writes every address value into its memory location (UAA).
011010
uaddr_read2
All ports read UAA data.
011110
uaddr_ones2
Port 2 writes all ones to memory.
011111
n_uaddr_write2
Port 2 writes inverse address value into memory.
011101
n_uaddr_read2
All ports read inverse UAA data.
011001
uaddr_zeros3
Port 3 write all zeros to memory using Unique Address Algorithm (UAA).
011011
uaddr_write3
Port 3 writes every address value into its memory location (UAA).
011010
uaddr_read3
All ports read UAA data.
011110
uaddr_ones3
Port 3 writes all ones to memory.
011111
n_uaddr_write3
Port 3 writes inverse address value into memory.
011101
n_uaddr_read3
All ports read inverse UAA data.
011001
uaddr_zeros4
Port 4 write all zeros to memory using Unique Address Algorithm (UAA).
011011
uaddr_write4
Port 4 writes every address value into its memory location (UAA).
011010
uaddr_read4
All ports read UAA data.
011110
uaddr_ones4
Port 4 writes all ones to memory.
011111
n_uaddr_write4
Port 4 writes inverse address value into memory.
011101
n_uaddr_read4
All ports read inverse UAA data.
110010
complete
Test complete.
Table 8. MBIST Control Register (MCR)
MCR[1:0]
Mode
00
Non-Debug
01
Debug
10
Reserved
11
Reserved
Table 7. MBIST Control States
States Code
State Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com