Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W166 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # W166
Description  Spread Spectrum Frequency Timing Generator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W166 Datasheet(HTML) 2 Page - Cypress Semiconductor

  W166 Datasheet HTML 1Page - Cypress Semiconductor W166 Datasheet HTML 2Page - Cypress Semiconductor W166 Datasheet HTML 3Page - Cypress Semiconductor W166 Datasheet HTML 4Page - Cypress Semiconductor W166 Datasheet HTML 5Page - Cypress Semiconductor W166 Datasheet HTML 6Page - Cypress Semiconductor W166 Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
W166
2
Functional Description
The W166 uses a Phase-Locked Loop (PLL) to frequency
modulate an input clock. The result is an output clock whose
frequency is slowly swept over a narrow band near the input
signal. The basic circuit topology is shown in Figure 1. The
input reference signal is divided by Q and fed to the phase
detector. A signal from the VCO is divided by P and fed back
to the phase detector also. The PLL will force the frequency of
the VCO output signal to change until the divided output signal
and the divided reference signal match at the phase detector
input. The output frequency is then equal to the ratio of P/Q
times the reference frequency. (Note: For the W166 the output
frequency is equal to the input frequency.) The unique feature
of the Spread Spectrum Frequency Timing Generator is that a
modulating waveform is superimposed at the input to the VCO.
This causes the VCO output to be slowly swept across a pre-
determined frequency band.
Because the modulating frequency is typically 1000 times
slower than the fundamental clock, the spread spectrum pro-
cess has little impact on system performance.
Frequency Selection With SSFTG
In Spread Spectrum Frequency Timing Generation, EMI re-
duction depends on the shape, modulation percentage, and
frequency of the modulating waveform. While the shape and
frequency of the modulating waveform are fixed, the modula-
tion percentage may be varied.
A larger spreading percentage improves EMI reduction. How-
ever, large spread percentages may either exceed system
maximum frequency ratings or lower the average frequency to
a point where performance is affected. For these reasons, nar-
row and wide modulation selections are provided.
Pin Definitions
Pin Name
Pin No.
Pin
Type
Pin Description
CLKOUT
7
O
Output Modulated Frequency: Frequency modulated copy of the reference input
(SSON# asserted).
CLKIN
1
I
External Reference Frequency Input: Clock input.
NC
2
NC
No Connect: This pin must be left unconnected.
SSON#
8
I
Spread Spectrum Control (Active LOW): Asserting this signal (active LOW) turns the
internal modulation waveform on. This pin has an internal pull-down resistor.
FS0:1
6, 4
I
Frequency Selection Bits 0,1: These pins select the frequency spreading characteris-
tics. Refer to Table 1. These pins have internal pull-up resistors.
VDD
5
P
Power Connection: Connected to 3.3V or 5V power supply.
GND
3
G
Ground Connection: This should be connected to the common ground plane.
Freq.
Phase
Modulating
VCO
Post
CLKOUT
Detector
Charge
Pump
Waveform
Dividers
Divider
Feedback
Divider
PLL
GND
VDD
Σ
Q
P
Clock Input
Reference Input
(EMI suppressed)
Figure 1. System Block Diagram



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com