Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W166 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # W166
Description  Spread Spectrum Frequency Timing Generator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W166 Datasheet(HTML) 1 Page - Cypress Semiconductor

  W166 Datasheet HTML 1Page - Cypress Semiconductor W166 Datasheet HTML 2Page - Cypress Semiconductor W166 Datasheet HTML 3Page - Cypress Semiconductor W166 Datasheet HTML 4Page - Cypress Semiconductor W166 Datasheet HTML 5Page - Cypress Semiconductor W166 Datasheet HTML 6Page - Cypress Semiconductor W166 Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Spread Spectrum Frequency Timing Generator
W166
Cypress Semiconductor Corporation
•
3901 North First Street
•
San Jose
•
CA 95134
•
408-943-2600
December 20, 1999, rev. **
Features
• Maximized EMI suppression using Cypress’s Spread
Spectrum technology
• Generates a spread spectrum copy of the provided
input
• Selectable spreading characteristics
• Integrated loop filter components
• Operates with a 3.3V or 5V supply
• SSON# pin enables frequency spreading
• Low power CMOS design
• Available in 8-pin SOIC (Small Outline Integrated
Circuit)
Overview
The W166 incorporates the latest advances in PLL spread
spectrum frequency synthesizer techniques. By frequency
modulating the output with a low-frequency carrier, peak EMI
is greatly reduced. Use of this technology allows systems to
pass increasingly difficult EMI testing without resorting to cost-
ly shielding or redesign.
In a system, not only is EMI reduced in the various clock lines,
but also in all signals which are synchronized to the clock.
Therefore, the benefits of using this technology increase with
the number of address and data lines in the system. The Sim-
plified Block Diagram shows a simple implementation.
Table 1. Frequency Spread Selection
W166
Input
Frequency
(MHz)
Output
Frequency (MHz)
FS1
FS0
0
0
50 to 65
fIN ±0.625%
0
1
50 to 65
fIN ±1.25%
1
0
50 to 65
fIN ±2.5%
1
1
50 to 65
fIN –3.75%
Simplified Block Diagram
Pin Configuration
Oscillator or Reference
Spread Spectrum
W166
(EMI suppressed)
3.3V or 5V
Input
Output
8
7
6
5
1
2
3
4
CLKIN
NC
GND
FS1
SSON#
CLKOUT
FS0
VDD


Similar Part No. - W166

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
W160A NSC-W160A Datasheet
66Kb / 1P
160 Lead Cerquad, EIAJ
logo
Cypress Semiconductor
W161 CYPRESS-W161 Datasheet
117Kb / 9P
133-MHz Spread Spectrum FTG for Pentium II Platforms
October 13, 1999, rev.
W162 CYPRESS-W162 Datasheet
147Kb / 7P
Spread Aware?? Zero Delay Buffer
W163 CYPRESS-W163 Datasheet
89Kb / 4P
Spread Aware?? Zero Delay Buffer
February 21, 2000, rev
W163 CYPRESS-W163 Datasheet
95Kb / 5P
Spread Aware?? Zero Delay Buffer
More results

Similar Description - W166

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W155 CYPRESS-W155 Datasheet
86Kb / 6P
Spread Spectrum Frequency Timing Generator
September 29, 1999, rev.
W42C31-03 CYPRESS-W42C31-03 Datasheet
136Kb / 6P
Spread Spectrum Frequency Timing Generator
September 28, 1999, rev
W42C31-04 CYPRESS-W42C31-04 Datasheet
136Kb / 6P
Spread Spectrum Frequency Timing Generator
September 29, 1999, rev
W42C31-06 CYPRESS-W42C31-06 Datasheet
136Kb / 6P
Spread Spectrum Frequency Timing Generator
September 29, 1999, rev
W42C31-09 CYPRESS-W42C31-09 Datasheet
119Kb / 7P
Spread Spectrum Frequency Timing Generator
January 25, 2000, rev. B
W42C32-05 CYPRESS-W42C32-05 Datasheet
131Kb / 8P
Spread Spectrum Frequency Timing Generator
September 28, 1999, rev.
W48C101-01 CYPRESS-W48C101-01 Datasheet
112Kb / 8P
Spread Spectrum BX System Frequency Generator
October 7, 1999, rev.
W48S101-04 CYPRESS-W48S101-04 Datasheet
143Kb / 12P
Spread Spectrum Motherboard Frequency Generator
October 27, 1999, rev.
CY24239 CYPRESS-CY24239 Datasheet
156Kb / 15P
Spread Spectrum Frequency Timing Generator
W48S101-04H CYPRESS-W48S101-04H Datasheet
148Kb / 12P
Spread Spectrum Motherboard Frequency Generator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com