Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W166 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # W166
Description  Spread Spectrum Frequency Timing Generator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W166 Datasheet(HTML) 3 Page - Cypress Semiconductor

  W166 Datasheet HTML 1Page - Cypress Semiconductor W166 Datasheet HTML 2Page - Cypress Semiconductor W166 Datasheet HTML 3Page - Cypress Semiconductor W166 Datasheet HTML 4Page - Cypress Semiconductor W166 Datasheet HTML 5Page - Cypress Semiconductor W166 Datasheet HTML 6Page - Cypress Semiconductor W166 Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
W166
3
Spread Spectrum Frequency Timing Generator
The device generates a clock that is frequency modulated in
order to increase the bandwidth that it occupies. By increasing
the bandwidth of the fundamental and its harmonics, the am-
plitudes of the radiated electromagnetic emissions are re-
duced. This effect is depicted in Figure 2.
As shown in Figure 2, a harmonic of a modulated clock has a
much lower amplitude than that of an unmodulated signal. The
reduction in amplitude is dependent on the harmonic number
and the frequency deviation or spread. The equation for the
reduction is
dB = 6.5 + 9*log10(P) + 9*log10(F)
Where P is the percentage of deviation and F is the frequency
in MHz where the reduction is measured.
The output clock is modulated with a waveform depicted in
Figure 3. This waveform, as discussed in “Spread Spectrum
Clock Generation for the Reduction of Radiated Emissions” by
Bush, Fessler, and Hardin produces the maximum reduction
in the amplitude of radiated electromagnetic emissions. The
deviation selected for this chip is ±0.45% or 0.6% of the select-
ed frequency. Figure 3 details the Cypress spreading pattern.
Cypress does offer options with more spread and greater EMI
reduction. Contact your local Sales representative for details
on these devices.
SSFTG
Typical Clock
Frequency Span (MHz)
S p read
S pectrum
E nabled
E M I R eduction
S p read
Spectrum
N on-
Frequency Span (MHz)
Down Spread
Center Sp read
Figure 2. Clock Harmonic with and without SSCG Modulation Frequency Domain Representation
MAX.
MIN.
Figure 3. Typical Modulation Profile



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com