Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W166 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # W166
Description  Spread Spectrum Frequency Timing Generator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W166 Datasheet(HTML) 4 Page - Cypress Semiconductor

  W166 Datasheet HTML 1Page - Cypress Semiconductor W166 Datasheet HTML 2Page - Cypress Semiconductor W166 Datasheet HTML 3Page - Cypress Semiconductor W166 Datasheet HTML 4Page - Cypress Semiconductor W166 Datasheet HTML 5Page - Cypress Semiconductor W166 Datasheet HTML 6Page - Cypress Semiconductor W166 Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
W166
4
Absolute Maximum Ratings
Stresses greater than those listed in this table may cause per-
manent damage to the device. These represent a stress rating
only. Operation of the device at these or any other conditions
above those specified in the operating sections of this specifi-
cation is not implied. Maximum conditions for extended peri-
ods may affect reliability
.
Parameter
Description
Rating
Unit
VDD, VIN
Voltage on any Pin with Respect to GND
–0.5 to +7.0
V
TSTG
Storage Temperature
–65 to +150
°C
TA
Operating Temperature
0 to +70
°C
TB
Ambient Temperature under Bias
–55 to +125
°C
PD
Power Dissipation
0.5
W
DC Electrical Characteristics: 0°C < TA < 70°C, VDD = 3.3V ±5%
Parameter
Description
Test Condition
Min
Typ
Max
Unit
IDD
Supply Current
18
32
mA
tON
Power Up Time
First locked clock cycle after Power
Good
5ms
VIL
Input Low Voltage
0.8
V
VIH
Input High Voltage
2.4
V
VOL
Output Low Voltage
0.4
V
VOH
Output High Voltage
2.4
V
IIL
Input Low Current
Note 1
–20
µA
IIH
Input High Current
Note 1
20
µA
IOL
Output Low Current
@ 0.4V, VDD = 3.3V
15
mA
IOH
Output High Current
@ 2.4V, VDD = 3.3V
15
mA
CI
Input Capacitance
All pins except CLKIN
7
pF
CI
Input Capacitance
CLKIN pin only
6
5
pF
RP
Input Pull-Up Resistor
500
k
Ω
ZOUT
Clock Output Impedance
25
Ω
Note:
1.
Inputs FS1:0 have a pull-up resistor, Input SSON# has a pull-down resistor.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com