Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS80C320 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS80C320
Description  High-Speed/Low-Power Micro
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C320 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS80C320 Datasheet HTML 1Page - Dallas Semiconductor DS80C320 Datasheet HTML 2Page - Dallas Semiconductor DS80C320 Datasheet HTML 3Page - Dallas Semiconductor DS80C320 Datasheet HTML 4Page - Dallas Semiconductor DS80C320 Datasheet HTML 5Page - Dallas Semiconductor DS80C320 Datasheet HTML 6Page - Dallas Semiconductor DS80C320 Datasheet HTML 7Page - Dallas Semiconductor DS80C320 Datasheet HTML 8Page - Dallas Semiconductor DS80C320 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
1 of 42
112299
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple
revisions of any device may be simultaneously available through various sales channels. For information about device errata,
click here: http://www.maxim-ic.com/errata.
FEATURES
§ 80C32-Compatible
- 8051 pin and instruction set compatible
- Four 8-bit I/O ports
- Three 16-bit timer/counters
- 256 bytes scratchpad RAM
- Addresses 64 kB ROM and 64 kB RAM
§ High-speed architecture
- 4 clocks/machine cycle (8032=12)
- DC to 33 MHz (DS80C320)
- DC to 18 MHz (DS80C323)
- Single-cycle instruction in 121 ns
- Uses less power for equivalent work
- Dual data pointer
- Optional variable length MOVX to access
fast/slow RAM/peripherals
§ High integration controller includes:
- Power- fail reset
- Programmable watchdog timer
- Early- warning power- fail interrupt
§ Two full-duplex hardware serial ports
§ 13 total interrupt sources with six external
§ Available in 40-pin DIP, 44-pin PLCC and
TQFP
PIN ASSIGNMENT
DS80C320/DS80C323
High-Speed/Low-Power Micro
www.maxim-ic.com


Similar Part No. - DS80C320

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS80C320 MAXIM-DS80C320 Datasheet
845Kb / 40P
High-Speed/Low-Power Microcontrollers
REV: 051804
DS80C320 MAXIM-DS80C320 Datasheet
905Kb / 40P
High-Speed/Low-Power Microcontrollers
REV: 101006
logo
Dallas Semiconductor
DS80C320-ECD DALLAS-DS80C320-ECD Datasheet
1Mb / 175P
High-Speed Microcontroller User Guide
logo
Maxim Integrated Produc...
DS80C320-ECG MAXIM-DS80C320-ECG Datasheet
845Kb / 40P
High-Speed/Low-Power Microcontrollers
REV: 051804
logo
Dallas Semiconductor
DS80C320-ECG DALLAS-DS80C320-ECG Datasheet
1Mb / 175P
High-Speed Microcontroller User Guide
More results

Similar Description - DS80C320

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS80C310 DALLAS-DS80C310 Datasheet
1Mb / 23P
High-Speed Micro
DS80C310 DALLAS-DS80C310_1 Datasheet
333Kb / 21P
High-Speed Micro
logo
Megawin Technology Co.,...
MPC2F35 MEGAWIN-MPC2F35 Datasheet
250Kb / 46P
Low-speed USB micro-controller
MPC235 MEGAWIN-MPC235 Datasheet
672Kb / 50P
Low-Speed USB Micro-Controller
logo
Texas Instruments
ADS7816PG4 TI-ADS7816PG4 Datasheet
931Kb / 23P
12-Bit High Speed Micro Power Sampling
ADS7816EB TI1-ADS7816EB Datasheet
984Kb / 24P
12-Bit High Speed Micro Power Sampling
logo
Maxim Integrated Produc...
DS80C320-QCG MAXIM-DS80C320-QCG Datasheet
700Kb / 38P
High-Speed/Low-Power Microcontrollers
REV: 101006
logo
SINOWEALTH Electronic L...
SH61F83 SINOWEALTH-SH61F83 Datasheet
906Kb / 54P
Low Speed USB Micro-controller
V2.0
SH68F83 SINOWEALTH-SH68F83 Datasheet
870Kb / 58P
Low Speed USB Micro-controller
V2.0
XA2001 SINOWEALTH-XA2001 Datasheet
523Kb / 56P
Low Speed USB Micro-controller
V1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com