Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS80C320 Datasheet(PDF) 39 Page - Dallas Semiconductor

Part # DS80C320
Description  High-Speed/Low-Power Micro
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C320 Datasheet(HTML) 39 Page - Dallas Semiconductor

Back Button DS80C320 Datasheet HTML 34Page - Dallas Semiconductor DS80C320 Datasheet HTML 35Page - Dallas Semiconductor DS80C320 Datasheet HTML 36Page - Dallas Semiconductor DS80C320 Datasheet HTML 37Page - Dallas Semiconductor DS80C320 Datasheet HTML 38Page - Dallas Semiconductor DS80C320 Datasheet HTML 39Page - Dallas Semiconductor DS80C320 Datasheet HTML 40Page - Dallas Semiconductor DS80C320 Datasheet HTML 41Page - Dallas Semiconductor DS80C320 Datasheet HTML 42Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
DS80C320/DS80C323
39 of 42
44-PIN TQFP
PKG
44-PIN
DIM
MIN
MAX
A
-
1.20
A1
0.05
0.15
A2
0.95
1.05
D
11.80
12.20
D1
10.00 BSC
E
11.80
12.20
E1
10.00 BSC
L
0.45
0.75
e
0.80 BSC
B
0.30
0.45
C
0.09
0.20
56-G4012-001
NOTES:
1.
DIMENSIONS D1 AND E1 INCLUDE MOLD MISMATCH, BUT DO NOT
INCLUDE MOLD PROTRUSION; ALLOWABLE PROTRUSION IS 0.25
MM PER SIDE.
2.
DETAILS OF PIN 1 IDENTIFIER ARE OPTIONAL BUT MUST BE
LOCATED WITHIN THE ZONE INDICATED.
3.
ALLOWABLE DAMBAR PROTRUSION IS 0.08 MM TOTAL IN EXCESS
OF THE B DIMENSION; AT MAXIMUM MATERIAL CONDITION.
PROTRUSION NOT TO BE LOCATED ON LOWER RADIUS OR FOOT OF
LEAD.
4.
CONTROLLING DIMENSIONS: MILLIMETERS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com