Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS80C320 Datasheet(PDF) 24 Page - Dallas Semiconductor

Part # DS80C320
Description  High-Speed/Low-Power Micro
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C320 Datasheet(HTML) 24 Page - Dallas Semiconductor

Back Button DS80C320 Datasheet HTML 20Page - Dallas Semiconductor DS80C320 Datasheet HTML 21Page - Dallas Semiconductor DS80C320 Datasheet HTML 22Page - Dallas Semiconductor DS80C320 Datasheet HTML 23Page - Dallas Semiconductor DS80C320 Datasheet HTML 24Page - Dallas Semiconductor DS80C320 Datasheet HTML 25Page - Dallas Semiconductor DS80C320 Datasheet HTML 26Page - Dallas Semiconductor DS80C320 Datasheet HTML 27Page - Dallas Semiconductor DS80C320 Datasheet HTML 28Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
DS80C320/DS80C323
24 of 42
DS80C320 MOVX CHARACTERISTICS UP TO 25 MHz
PARAMETER
SYMBOL
VARIABLE
CLOCK
MIN
VARIABLE
CLOCK
MAX
UNITS
STRETCH
RD
Pulse Width
tRLRH
2tCLCL-11
tMCS-11
ns
tMCS=0
tMCS>0
WR
Pulse Width
tWLWH
2tCLCL-11
tMCS-11
ns
tMCS=0
tMCS>0
RD
Low to Valid Data In
tRLDV
2tCLCL-25
tMCS-25
ns
tMCS=0
tMCS>0
Data Hold After Read
tRHDX
0
ns
Data Float After Read
tRHDZ
tCLCL-5
2tCLCL-5
ns
tMCS=0
tMCS>0
ALE Low to Valid
Data In
tLLDV
2.5tCLCL-26
1.5tCLCL-28+tMCS
ns
tMCS=0
tMCS>0
Port 0 Address to Valid
Data In
tAVDV1
3tCLCL-24
2tCLCL-31+tMCS
ns
tMCS=0
tMCS>0
Port 2 Address to Valid
Data In
tAVDV2
3.5tCLCL-32
2.5tCLCL-34+tMCS
ns
tMCS=0
tMCS>0
ALE Low to RD or WR
Low
tLLWL
0.5tCLCL-5
1.5tCLCL-5
0.5tCLCL+6
1.5tCLCL+8
ns
tMCS=0
tMCS>0
Port 0 Address Valid to
RD
or WR Low
tAVWL1
tCLCL-9
2tCLCL-10
ns
tMCS=0
tMCS>0
Port 2 Address Valid to
RD
or WR Low
tAVWL2
1.5tCLCL-9
2.5tCLCL-13
ns
tMCS=0
tMCS>0
Data Valid to
WR
Transition
tQVWX
-9
tCLCL-10
ns
tMCS=0
tMCS>0
Data Hold After Write
tWHQX
tCLCL-7
2tCLCL-5
ns
tMCS=0
tMCS>0
RD
Low to Address Float
tRLAZ
note 5
ns
RD
or WR High to
ALE High
tWHLH
0
tCLCL-5
10
tCLCL+11
ns
tMCS=0
tMCS>0
NOTE: tMCS is a time period related to the Stretch memory cycle selection. The following table shows the
value of tMCS for each Stretch selection.
M2
M1
M0
MOVX CYCLES
tMCS
0
0
0
2 machine cycles
0
0
0
1
3 machine cycles (default)
4 tCLCL
0
1
0
4 machine cycles
8 tCLCL
0
1
1
5 machine cycles
12 tCLCL
1
0
0
6 machine cycles
16 tCLCL
1
0
1
7 machine cycles
20 tCLCL
1
1
0
8 machine cycles
24 tCLCL
1
1
1
9 machine cycles
28 tCLCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com