Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS80C320 Datasheet(PDF) 41 Page - Dallas Semiconductor

Part # DS80C320
Description  High-Speed/Low-Power Micro
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C320 Datasheet(HTML) 41 Page - Dallas Semiconductor

Back Button DS80C320 Datasheet HTML 34Page - Dallas Semiconductor DS80C320 Datasheet HTML 35Page - Dallas Semiconductor DS80C320 Datasheet HTML 36Page - Dallas Semiconductor DS80C320 Datasheet HTML 37Page - Dallas Semiconductor DS80C320 Datasheet HTML 38Page - Dallas Semiconductor DS80C320 Datasheet HTML 39Page - Dallas Semiconductor DS80C320 Datasheet HTML 40Page - Dallas Semiconductor DS80C320 Datasheet HTML 41Page - Dallas Semiconductor DS80C320 Datasheet HTML 42Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 41 / 42 page
background image
DS80C320/DS80C323
41 of 42
DATA SHEET REVISION SUMMARY
The following represent the key differences between the 041896 and the 052799 version of the
DS80C320 data sheet. Please review this summary carefully.
1. Corrected VCC pin description to show DS80C323 operation at +3V.
2. Corrected Timed Access description to show three cycle window.
3. Modified absolute Maximum Ratings for any pin relative to around, VCC relative to ground.
4. Changed minimum oscillator frequency to 1 MHz when using external crystal.
5. Clarified that tPOR begins when XTAL1 reaches VIH2.
The following represent the key differences between the 103196 and the 041896 version of the
DS80C320 data sheet. Please review this summary carefully.
1. Update DS80C320 25 MHz AC Characteristics.
The following represent the key differences between the 041895 and the 031096 version of the
DS80C320 data sheet. Please review this summary carefully.
1. Remove Port 0, Port 2 from VOH1 specification (PCN B60802).
2. VOH1 test specification clarified (RST = VCC).
3. Add tAVWL2 marking to External Memory Read Cycle figure.
4. Correct TQFP drawing to read 44-pin TQFP.
5. Rotate page 1 TQFP illustration to match assembly specifications.
The following represent the key differences between the 031096 and the 052296 version of the
DS80C320 data sheet. Please review this summary carefully.
1. Add Data Sheet Revision Summary.
The following represent the key differences between 05/23/96 and 05/22/96 version of the DS80C320
data sheet and between 05/23/96 and 03/27/95 version of the DS80C323 data sheet. Please review this
summary carefully.
DS80C320:
1. Add DS80C323 Characteristics.
2. Change DS80C320 VPFW specification from 4.5V to 4.55V (PCN E62802).
3. Update DS80C320 33 MHz AC Characteristics.
DS80C323:
1. Delete Data Sheet. Contents moved to DS80C320/DS80C323.
The following represent the key differences between the 05/22/96 and the 10/21/97 version of the
DS80C320 data sheet. Please review this summary carefully.
DS80C320
1. Added note to clarify IIL specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com