Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS80C320-ENG Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS80C320-ENG
Description  High-Speed/Low-Power Micro
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C320-ENG Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS80C320-ENG Datasheet HTML 1Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 2Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 3Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 4Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 5Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 6Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 7Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 8Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
DS80C320/DS80C323
2 of 42
DESCRIPTION
The DS80C320/DS80C323 is a fast 80C31/80C32-compatible microcontroller. Wasted clock and
memory cycles have been removed using a redesigned processor core. As a result, every 8051 instruction
is executed between 1.5 and 3 times faster than the original for the same crystal speed. Typical
applications will see a speed improvement of 2.5 times using the same code and same crystal. The
DS80C320 offers a maximum crystal rate of 33 MHz, resulting in apparent execution speeds of 82.5 MHz
(approximately 2.5X).
The DS80C320/DS80C323 is pin-compatible with all three packages of the standard 80C32 and offers the
same timer/counters, serial port, and I/O ports. In short, the device is extremely familiar to 8051 users but
provides the speed of a 16-bit processor.
The DS80C320 provides several extras in addition to greater speed. These include a second full hardware
serial port, seven additional interrupts, programmable watchdog timer, power-fail interrupt and reset. The
device also provides dual data pointers (DPTRs) to speed block data memory moves. It can also adjust the
speed of off-chip data memory access to between two and nine machine cycles for flexibility in selecting
memory and peripherals.
The DS80C320 operating voltage ranges from 4.25V to 5.5V, making it ideal as a high-performance
upgrade to existing 5V systems. For applications in which power consumption is critical, the DS80C323
offers the same feature set as the DS80C320, but with 2.7V to 5.5V operation.
ORDERING INFORMATION
PART NUMBER
PACKAGE
MAX CLOCK SPEED
TEMPERATURE RANGE
DS80C320-MCG
40-pin plastic DIP
25 MHz
0°C to +70°C
DS80C320-QCG
44-pin PLCC
25 MHz
0°C to +70°C
DS80C320-ECG
44-pin TQFP
25 MHz
0°C to +70°C
DS80C320-MNG
40-pin plastic DIP
25 MHz
-40°C to +85°C
DS80C320-QNG
44-pin PLCC
25 MHz
-40°C to +85°C
DS80C320-ENG
44-pin TQFP
25 MHz
-40°C to +85°C
DS80C320-MCL
40-pin plastic DIP
33 MHz
0°C to +70°C
DS80C320-QCL
44-pin PLCC
33 MHz
0°C to +70°C
DS80C320-ECL
44-pin TQFP
33 MHz
0°C to +70°C
DS80C320-MNL
40-pin plastic DIP
33 MHz
-40°C to +85°C
DS80C320-QNL
44-pin PLCC
33 MHz
-40°C to +85°C
DS80C320-ENL
44-pin TQFP
33 MHz
-40°C to +85°C
DS80C323-MCD
40-pin plastic DIP
18 MHz
0°C to +70°C
DS80C323-QCD
44-pin PLCC
18 MHz
0°C to +70°C
DS80C323-ECD
44-pin TQFP
18 MHz
0°C to +70°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com