Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS80C320-ENG Datasheet(PDF) 27 Page - Dallas Semiconductor

Part # DS80C320-ENG
Description  High-Speed/Low-Power Micro
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C320-ENG Datasheet(HTML) 27 Page - Dallas Semiconductor

Back Button DS80C320-ENG Datasheet HTML 23Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 24Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 25Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 26Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 27Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 28Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 29Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 30Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 31Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
DS80C320/DS80C323
27 of 42
DS80C323 DC ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Operating Supply Voltage
VCC
2.7
3.0
5.5
V
1
Power- fail Warning
VPFW
2.6
2.7
2.8
V
1
Minimum Operating Voltage
VRST
2.5
2.6
2.7
V
1, 12
Supply Current Active Mode
@ 18 MHz
ICC
10
mA
2
Supply Current Idle Mode
@ 18 MHz
IIDLE
6
mA
3
Supply Current Stop Mode,
Band-gap Reference Disabled
ISTOP
0.1
µA
2
Supply Current Stop Mode,
Band-gap Reference Enabled
ISPBG
40
µA
4, 10
Input Low Level
VIL
-0.3
0.2 VCC
V
1
Input High Level
(Except XTAL1 and RST)
VIH1
0.7 VCC
VCC+0.3
V
1
Input High Level XTAL1 and RST
VIH2
0.7 VCC
+0.25V
VCC+0.3
V
1
Output Low Voltage Ports 1, 3,
@ IOL = 1.6 mA
VOL1
0.4
V
1
Output Low Voltage Ports 0, 2,
PSEN
/ALE @ IOL = 3.2 mA
VOL2
0.4
V
1, 5
Output High Voltage Ports 1, 3,
PSEN
/ALE @ IOH = -15 µA
VOH1
VDD
-0.4V
V
1, 6
Output High Voltage Ports 1, 3,
@ IOH = -1.5 mA
VOH2
VDD
-0.4V
V
1, 7
Output High Voltage Ports 0, 2,
PSEN
/ALE @ IOH = -2 mA
VOH3
VDD
-0.4V
V
1, 5
Input Low Current Ports 1, 3,
@ 0.45V
IIL
-30
µA
11
Transition Current from 1
≥ 0,
Ports 1, 3 @ 2V
ITL
-400
µA
8
Input Leakage Port 0, Bus Mode
IL
-300
+300
µA
9
RST Pulldown Resistance
RRST
50
170
kO
NOTES FOR DS80C323 DC ELECTRICAL CHARACTERISTICS:
All parameters apply to both commercial and industrial temperature operation unless otherwise noted.
Device operating range is 2.7V - 5.5V. DC Electrical specifications are for operation 2.7V - 3.3V.
1. All voltages are referenced to ground.
2. Active mode current is measured with an 18 MHz clock source driving XTAL1, VCC=RST=3.3V, all
other pins disconnected.
3. Idle mode current is measured with an 18 MHz clock source driving XTAL1, VCC=3.3V, all other
pins disconnected.
4. Stop mode current measured with XTAL1 and RST grounded, VCC=3.3V, all other pins disconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com